Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7709 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7709
Description  16-Bit ADC with Switchable Current Sources
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7709 Datasheet(HTML) 1 Page - Analog Devices

  AD7709 Datasheet HTML 1Page - Analog Devices AD7709 Datasheet HTML 2Page - Analog Devices AD7709 Datasheet HTML 3Page - Analog Devices AD7709 Datasheet HTML 4Page - Analog Devices AD7709 Datasheet HTML 5Page - Analog Devices AD7709 Datasheet HTML 6Page - Analog Devices AD7709 Datasheet HTML 7Page - Analog Devices AD7709 Datasheet HTML 8Page - Analog Devices AD7709 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
a
AD7709
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
REV. A
16-Bit - ADC with
Switchable Current Sources
FUNCTIONAL BLOCK DIAGRAM
VDD
IEXC1
8I
IEXC2
8I
IOUT1
IOUT2
IEXC3
I
OSCILLATOR
AND
PLL
XTAL2
REFIN1(–) REFIN2(–)
REFIN1(+) REFIN2(+)
XTAL1
DOUT
RESET
RDY
CS
SCLK
DIN
SERIAL
INTERFACE
AND
CONTROL
LOGIC
BUF
PGA
MUX
I/O PORT
VDD
16-BIT
-
ADC
AIN1
AIN2
AIN3/P3
AIN4/P4
AINCOM
AD7709
VDD
GND
PWRGND
P1/SW1 P2/SW2
I = 25 A
FEATURES
16-Bit
-
ADC
Programmable Gain Front End
Simultaneous 50 Hz and 60 Hz Rejection at 20 Hz
Update Rate
VREF Select™ Allows Absolute and Ratiometric
Measurement Capability
ISOURCE Select™
16-Bit No Missing Codes
13-Bit p-p Resolution @ 20 Hz, 20 mV Range
16-Bit p-p Resolution @ 20 Hz, 2.56 V Range
INTERFACE
3-Wire Serial
SPI®, QSPI™, MICROWIRE™, and DSP Compatible
Schmitt Trigger on SCLK
POWER
Specified for Single 3 V and 5 V Operation
Normal: 1.25 mA Typ @ 3 V
Power-Down: 7
A (32.768 kHz Crystal Running)
ON-CHIP FUNCTIONS
Rail-to-Rail Input Buffer and PGA
Selectable Reference Inputs
3 Switchable, Ratioed Current Sources for
VBE Measurements
4-Bit Digital I/O Port
Low-Side Power Switches
APPLICATIONS
Sensor Measurement
Temperature Measurement
Pressure Measurements
Weigh Scales
Portable Instrumentation
4–20 mA Loops
GENERAL DESCRIPTION
The AD7709 is a complete analog front end for low frequency
measurement applications. It contains a 16-bit - ADC, selectable
reference inputs, three switchable matched excitation current
sources, low-side power switches, and a digital I/O port. The
16-bit channel with PGA accepts fully differential, unipolar,
and bipolar input signal ranges from 1.024
REFIN/128 to
1.024
REFIN. It can be configured as two fully differential
input channels or four pseudo-differential input channels. Signals
can be converted directly from a transducer without the need for
signal conditioning.
The device operates from a 32.768 kHz crystal with an on-chip
PLL generating the required internal operating frequency. The
output data rate from the part is software programmable. The
p-p resolution from the part varies with the programmed gain
and output data rate.
The part operates from a single 3 V or 5 V supply. When
operating from 3 V supplies, the power dissipation for the part
is 3.75 mW. The AD7709 is housed in a 24-lead TSSOP package.


Similar Part No. - AD7709

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7709 AD-AD7709 Datasheet
248Kb / 17P
16-Bit Sigma Delta ADC with Current Sources, Switchable Reference Inputs and I/O Port
AD7709 AD-AD7709 Datasheet
353Kb / 32P
16-Bit-ADC with Switchable Current Sources
REV. A
AD7709ARU AD-AD7709ARU Datasheet
428Kb / 32P
16-Bit - ADC with Switchable Current Sources
REV. A
AD7709ARU AD-AD7709ARU Datasheet
353Kb / 32P
16-Bit-ADC with Switchable Current Sources
REV. A
AD7709ARUZ AD-AD7709ARUZ Datasheet
353Kb / 32P
16-Bit-ADC with Switchable Current Sources
REV. A
More results

Similar Description - AD7709

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7709 AD-AD7709 Datasheet
248Kb / 17P
16-Bit Sigma Delta ADC with Current Sources, Switchable Reference Inputs and I/O Port
AD7783 AD-AD7783 Datasheet
217Kb / 12P
Read-Only, Pin Configured 24-Bit ADC with Excitation Current Sources
8/04-Data Sheet Changed from REV. A to REV. B.
logo
Linear Technology
LTC2480 LINER-LTC2480 Datasheet
535Kb / 40P
16-Bit ADC with Easy Drive
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_1 Datasheet
500Kb / 42P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
logo
Analog Devices
AD7709ARU AD-AD7709ARU Datasheet
428Kb / 32P
16-Bit - ADC with Switchable Current Sources
REV. A
AD7709ARUZ AD-AD7709ARUZ Datasheet
353Kb / 32P
16-Bit-ADC with Switchable Current Sources
REV. A
logo
Linear Technology
LTC2480 LINER-LTC2480_15 Datasheet
679Kb / 42P
16-Bit ADC with Easy Drive Input Current Cancellation
LTC2482 LINER-LTC2482_15 Datasheet
322Kb / 32P
16-Bit ADC with Easy Drive Input Current Cancellation
LTC2496 LINER-LTC2496_15 Datasheet
658Kb / 32P
16-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com