Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7709 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7709
Description  16-Bit ADC with Switchable Current Sources
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7709 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7709 Datasheet HTML 16Page - Analog Devices AD7709 Datasheet HTML 17Page - Analog Devices AD7709 Datasheet HTML 18Page - Analog Devices AD7709 Datasheet HTML 19Page - Analog Devices AD7709 Datasheet HTML 20Page - Analog Devices AD7709 Datasheet HTML 21Page - Analog Devices AD7709 Datasheet HTML 22Page - Analog Devices AD7709 Datasheet HTML 23Page - Analog Devices AD7709 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
REV. A
AD7709
–19–
CONFIGURING THE AD7709
The four user-accessible registers on the AD7709 are accessed via
the serial interface. Communication with any of these registers
is initiated by first writing to the Communications Register. The
AD7709 begins converting on power-up without the need to
write to the registers. The default conditions are used, i.e., the
AD7709 operates at a 19.79 Hz update rate that offers 50 Hz
and 60 Hz rejection.
Figure 10 outlines a flow diagram of the sequence used to
configure all registers after a power-up or reset on the AD7709.
The flowchart shows two methods of determining when it is valid
to read the data register. The first method is hardware polling of
the
RDY pin and the second method involves software interrogation
of the RDY bit in the status register. The flowchart details all the
necessary programming steps required to initialize the ADC and
read data from the ADC channel following a power-on or reset.
The steps can be broken down as follows:
1. Configure and initialize the microcontroller or microproces-
sor serial port.
2. Initialize the AD7709 by configuring the following registers:
a) Filter Register to configure the update rate for the channel.
The AD7709 must be placed in standby mode before the
Filter Register can be written to.
b)Configuration Register to select the input channel to be
converted, its input range, and reference. This register is also
used to configure internal current sources, power switches,
and I/O port.
Both of these operations consist of a write to the Communi-
cations Register to specify the next operation as a write to a
specified register. Data is then written to this register. When
each sequence is complete, the ADC defaults to waiting for
another write to the Communications Register to specify the
next operation.
3. When configuration is complete, the user needs to determine
when it is valid to read the data from the data register. This is
accomplished either by polling the
RDY pin (hardware polling)
or by interrogating the RDY bit in the STATUS register
(software polling). Both are shown in Figure 10.
POLL
RDY PIN
HARDWARE
POLLING
START
SOFTWARE
POLLING
POWER-ON-RESET FOR AD7709
CONFIGURE AND INITIALIZE
C/ P SERIAL PORT
WRITE TO COMMUNICATIONS REGISTER SETTING
UP NEXT OPERATION TO BE A WRITE TO THE
FILTER REGISTER (WRITE 22H TO REGISTER)
WRITE TO FILTER REGISTER CONFIRMING
THE REQUIRED UPDATE RATE
WRITE TO COMMUNICATIONS REGISTER SETTING
UP NEXT OPERATION TO BE A WRITE TO THE
CONFIGURATION REGISTER
(WRITE 01H TO REGISTER)
READ DATA FROM OUTPUT REGISTER
WRITE TO COMMUNICATIONS REGISTER SETTING
UP NEXT OPERATION TO BE A READ FROM THE
STATUS REGISTER (WRITE 40H TO REGISTER)
WRITE TO COMMUNICATIONS REGISTER SETTING
UP NEXT OPERATION TO BE A READ FROM THE
DATA REGISTER (WRITE 43H TO REGISTER)
WRITE TO COMMUNICATIONS REGISTER SETTING
UP NEXT OPERATION TO BE A READ FROM THE
DATA REGISTER (WRITE 43H TO REGISTER)
READ 16-BIT DATA RESULT
READ 16-BIT DATA RESULT
READ STATUS REGISTER
ANOTHER
READ
RDY
LOW?
ANOTHER
READ
CHANNEL
CHANGE
RDY = 1
END
END
SOFTWARE
POLLING
HARDWARE
POLLING
NO
YES
YES
YES
NO
YES
NO
YES
NO
YES
NO
WRITE TO CONFIGURATION REGISTER TO SELECT
THE INPUT CHANNEL, INPUT RANGE, AND
REFERENCE. CURRENT SOURCES AND I/O PORT
CAN ALSO BE CONFIGURED
CHANNEL
CHANGE
Figure 10. Flowchart for Initializing and Reading Data from the AD7709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com