Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24AC32DBNUH Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE24AC32DBNUH
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24AC32DBNUH Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE24AC32DBNUH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24AC32DBNUH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24AC32DBNUH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24AC32DBNUH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24AC32DBNUH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24AC32DBNUH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24AC32DBNUH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24AC32DBNUH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24AC32DBNUH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ACE24AC32D
Two-wire Serial EEPROM
VER 1.2
5
Figure 2: Timing diagram for output acknowledge
Device Addressing
The 2-wire serial bus protocol mandates an 8 bits device address word after a start bit condition to invoke
a valid read or write command. The first four most significant bits of the device address must be 1010,
which is common to all serial EEPROM devices. The next three bits are device address bits. These three
device address bits (5
th, 6th and 7th) are to match with the external chip select/address pin states. If a
match is made, the EEPROM device outputs an acknowledge signal after the 8
th read/write bit, otherwise
the chip will go into standby mode. However, matching may not be needed for some or all device address
bits (5
th, 6thand 7th) as noted below. The last or 8th bit is a read/write command bit. If the 8th bit is at V
IH
then the chip goes into
read mode. If a “0” is detected, the device enters programming mode.
Write Operations
(A)
Byte Write
A write operation requires two 8-bit data word address following the device address word and
acknowledge signal. Upon receipt of this address, the EEPROM wil
l respond with a “0” and then
clock in the first 8-bit data word.
Following receipt of the 8-bit data word, the EEPROM will again
output a “0”. The addressing device, such as a microcontroller, must terminate the write sequence
with a stop condition. At this time the EEPROM enters into an internally-timed write cycle state. All
inputs are disabled during this write cycle and the EEPROM will not respond until the writing is
completed (figure 3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com