Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24AC32DBNUH Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE24AC32DBNUH
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24AC32DBNUH Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE24AC32DBNUH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24AC32DBNUH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24AC32DBNUH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24AC32DBNUH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24AC32DBNUH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24AC32DBNUH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24AC32DBNUH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24AC32DBNUH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24AC32DBNUH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ACE24AC32D
Two-wire Serial EEPROM
VER 1.2
1
Description
The ACE24AC32D series are 32,768bits of serial Electrical Erasable and Programmable Read Only
Memory, commonly known as EEPROM. They are organized as 4096 words of 8 bits (one byte) each.
The devices are fabricated with proprietary advanced CMOS process for low power and low voltage
applications. These devices are available in standard 8-lead DIP, 8-lead SOP, 8-lead MSOP, 8-lead
TSSOP, 8-lead USON3*2-8, SOT-23-5, and TSOT-23-5 packages. A standard 2-wire serial interface is
used to address all read and write functions. Our extended VCC range (1.8V to 5.5V) devices enables wide
spectrum of applications.
Features
Low voltage and low power operations:
ACE24AC32D: VCC = 1.8V to 5.5V
Maximum Standby current < 1µA
32 bytes page write mode.
Partial page write operation allowed.
Internally organized: 4,096 × 8 (32K).
Standard 2-wire bi-directional serial interface.
Schmitt trigger, filtered inputs for noise protection.
Self-timed Write Cycle (5ms maximum).
800 kHz (5V), 400 kHz (1.8V, 2.5V, 2.7V) Compatibility.
Automatic erase before write operation.
Write protect pin for hardware data protection.
High reliability: typically 1, 000,000 cycles endurance.
100 years data retention.
Industrial temperature range (-40℃ to 85℃).
Standard 8-lead DIP/SOP/ MSOP/TSSOP/USON3*2-8/SOT-23-5 and TSOT-23-5 Pb-free packages.
Absolute Maximum Ratings
Industrial operating temperature:
-40℃ to 85℃
Storage temperature:
-50℃to 125℃
Input voltage on any pin relative to ground:
-0.3V to V
CC + 0.3V
Maximum voltage:
8V
ESD Protection on all pins:
>2000V
Notice:
Stresses exceed those listed under “Absolute Maximum Rating” may cause permanent damage to the device. Functional
operation of the device at conditions beyond those listed in the specification is not guaranteed.
Prolonged exposur e to extreme
conditions may affect device reliability or functionality.


Similar Part No. - ACE24AC32DBNUH

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24AC02A1 ACE-ACE24AC02A1 Datasheet
974Kb / 17P
Two-wire Serial EEPROM
VER 1.4
ACE24AC02A1BNTH ACE-ACE24AC02A1BNTH Datasheet
974Kb / 17P
Two-wire Serial EEPROM
VER 1.4
ACE24AC02A1BNUH ACE-ACE24AC02A1BNUH Datasheet
974Kb / 17P
Two-wire Serial EEPROM
VER 1.4
ACE24AC02A1DMTH ACE-ACE24AC02A1DMTH Datasheet
974Kb / 17P
Two-wire Serial EEPROM
VER 1.4
ACE24AC02A1DMUH ACE-ACE24AC02A1DMUH Datasheet
974Kb / 17P
Two-wire Serial EEPROM
VER 1.4
More results

Similar Description - ACE24AC32DBNUH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
Two-wire Serial EEPROM
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
Two-wire Serial EEPROM
VER 1.3
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
Two-wire Serial EEPROM
VER 1.3
ACE24C02 ACE-ACE24C02 Datasheet
654Kb / 20P
Two-wire Serial EEPROM
VER 1.3
ACE24C16A ACE-ACE24C16A_11 Datasheet
658Kb / 17P
Two-wire Serial EEPROM
VER 1.4
ACE24LC02 ACE-ACE24LC02_11 Datasheet
717Kb / 18P
Two-wire Serial EEPROM
VER 1.6
logo
ATMEL Corporation
AT24C02B-PU ATMEL-AT24C02B-PU Datasheet
676Kb / 26P
Two-wire Serial EEPROM
logo
List of Unclassifed Man...
FT24C512A ETC2-FT24C512A Datasheet
245Kb / 17P
Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com