Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24AC32DBNUH Datasheet(PDF) 13 Page - ACE Technology Co., LTD.

Part # ACE24AC32DBNUH
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24AC32DBNUH Datasheet(HTML) 13 Page - ACE Technology Co., LTD.

Back Button ACE24AC32DBNUH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24AC32DBNUH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24AC32DBNUH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24AC32DBNUH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE24AC32DBNUH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE24AC32DBNUH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE24AC32DBNUH Datasheet HTML 15Page - ACE Technology Co., LTD. ACE24AC32DBNUH Datasheet HTML 16Page - ACE Technology Co., LTD. ACE24AC32DBNUH Datasheet HTML 17Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ACE24AC32D
Two-wire Serial EEPROM
VER 1.2
13
Packaging information
MSOP-8
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
0.820
1.100
0.320
0.043
A1
0.020
0.150
0.001
0.006
A2
0.750
0.950
0.030
0.037
b
0.250
0.380
0.010
0.015
c
0.090
0.230
0.004
0.009
D
2.900
3.100
0.114
0.122
e
0.65 (BSC)
0.026 (BSC)
E
2.900
3.100
0.114
0.122
E1
4.750
5.050
0.187
0.199
L
0.400
0.800
0.016
0.031
θ
0°
6°
0°
6°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com