Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24LA02FMTH Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE24LA02FMTH
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24LA02FMTH Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE24LA02FMTH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ACE24LA02.04.08.16A
Two-wire Serial EEPROM
VER 1.1
2
Packaging Type
SOP-8
TSSOP-8
DIP-8
USON3*2-8
CSP-4
Pin Configurations
Pin Name
Type
Functions
AO-A2
I
Address Inputs
SDA
I/O
Serial Data
SCL
I
Serial Clock Input
WP
I
Write Protect
GND
P
Ground
VCC
P
Power Supply
Ordering information
ACE24LA XX A XX + X H
Pb - free
U: Tube
T: Tape and Reel
FM: SOP-8
TM: TSSOP-8
DP: DIP-8
UA8: USON3*2-8
CP4:CSP-4
Halogen-free
02: 2K bit
04: 4K bit
08: 8K bit
16: 16K bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com