Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24LA02FMTH Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE24LA02FMTH
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24LA02FMTH Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE24LA02FMTH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ACE24LA02.04.08.16A
Two-wire Serial EEPROM
VER 1.1
5
Start Condition:
A high-to-low transition of SDA with SCL high is a start condition which must precede any other command
(see Figure 2).
Stop Condition:
A low-to-high transition of SDA with SCL high is a stop condition. After a read sequence, the stop
command will place the EEPROM in a standby power mode (see Figure 2).
Acknowledge:
All addresses and data words are serially transmitted to and from the EEPROM in 8-bit words. The
EEPROM sends a "0" to acknowledge that it has received each word. This happens during the ninth clock
cycle.
Standby Mode:
The ACE24LA02.04.08.16A features a low-power standby mode which is enabled: (a) upon power- up
and (b) after the receipt of the STOP bit and the completion of any internal operations.
Memory Reset:
After an interruption in protocol, power loss or system reset, any two-wire part can be reset by following
these steps:
1. Clock up to 9 cycles.
2. Look for SDA high in each cycle while SCL is high and then.
3. Create a start condition.
Figure 1: Data Validity
Figure 2: Start and Stop Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com