Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24LA02FMTH Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE24LA02FMTH
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24LA02FMTH Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE24LA02FMTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 12Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ACE24LA02.04.08.16A
Two-wire Serial EEPROM
VER 1.1
8
Random Read:
A random read requires a "dummy" byte write sequence to load in the data word address. Once the
device address word and data word address are clocked in and acknowledged by the EEPROM, the
microcontroller must generate another start condition. The microcontroller now initiates a current address
read by sending a device address with the read/write select bit high. The EEPROM acknowledges the
device address and serially clocks out the data word. The microcontroller does not respond with a "0" but
does generate a following stop condition (see Figure 8)
Sequential Read:
Sequential reads are initiated by either a current address read or a random address read. After the
microcontroller receives a data word, it responds with an acknowledge. As long as the EEPROM receives
an acknowledge, it will continue to increment the data word address and serially clock out sequential data
words. When the memory address limit is reached, the data word address will "roll over" and the
sequential read will continue. The sequential read operation is terminated when the microcontroller does
not respond with a "0" but does generate a following stop condition (see Figure9).
MSB
LSB
2K
1
0
1
0
0
0
0
R/W
4K
1
0
1
0
0
0
P0
R/W
8K
1
0
1
0
0
P1
P0
R/W
16K
1
0
1
0
P2
P1
P0
R/W
Figure 4: Device Address
Figure 5: Byte write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com