Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPWSG Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LTPWSG
Description  Backlighting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTPWSG Datasheet(HTML) 5 Page - OSRAM GmbH

  LTPWSG Datasheet HTML 1Page - OSRAM GmbH LTPWSG Datasheet HTML 2Page - OSRAM GmbH LTPWSG Datasheet HTML 3Page - OSRAM GmbH LTPWSG Datasheet HTML 4Page - OSRAM GmbH LTPWSG Datasheet HTML 5Page - OSRAM GmbH LTPWSG Datasheet HTML 6Page - OSRAM GmbH LTPWSG Datasheet HTML 7Page - OSRAM GmbH LTPWSG Datasheet HTML 8Page - OSRAM GmbH LTPWSG Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Version 1.0
LT PWSG
2016-03-18
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups
4) page 21
Durchlassspannungsgruppen 4) Seite 21
Dominant Wavelength Groups 3) page 21
Dominant Wellenlängengruppen 3) Seite 21
Group
Luminous Intensity 1) page 21
Luminous Intensity 1) page 21
Luminous Flux 6) page 21
Gruppe
Lichtstärke 1) Seite 21
Lichtstärke 1) Seite 21
Lichtstrom 6) Seite 21
(min.) I
v [mcd]
(max.) I
v [mcd]
(typ.) Φ
V [mlm]
AA
1120
1400
3780
AB
1400
1800
4800
BA
1800
2240
6060
BB
2240
2800
7560
Group
Gruppe
(min.) VF [V]
(max.) VF [V]
4
2.90
3.20
5
3.20
3.50
6
3.50
3.70
Group
true green
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
3
519
525
4
525
531
5
531
537
6
537
543
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com