Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPWSG Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LTPWSG
Description  Backlighting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTPWSG Datasheet(HTML) 1 Page - OSRAM GmbH

  LTPWSG Datasheet HTML 1Page - OSRAM GmbH LTPWSG Datasheet HTML 2Page - OSRAM GmbH LTPWSG Datasheet HTML 3Page - OSRAM GmbH LTPWSG Datasheet HTML 4Page - OSRAM GmbH LTPWSG Datasheet HTML 5Page - OSRAM GmbH LTPWSG Datasheet HTML 6Page - OSRAM GmbH LTPWSG Datasheet HTML 7Page - OSRAM GmbH LTPWSG Datasheet HTML 8Page - OSRAM GmbH LTPWSG Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2016-03-18
1
2016-03-18
PointLED
Datasheet
Version 1.0
LT PWSG
top mount
reverse mount
With a diameter of just 2 mm, the PointLED is one of
the smallest packages in its class and achieves high
luminous efficacies. Due to its round and flat package,
measuring only 0.775 mm high, it is ideal for
application where space is a sensitive issue.
Mit nur 2 mm Durchmesser gehört die PointLED zu
den kleinsten LED auf dem Markt bei hohen
Effizienzen. Aufgrund ihres runden und flachen
Gehäuses mit nur 0,775 mm Bauhöhe ist sie ideal für
Applikationen mit begrenztem Raum.
Features:
Besondere Merkmale:
•
Package: white SMT package, colorless clear
silicone resin
•
Gehäusetyp: weißes SMT Gehäuse, farbloser
klarer Silikon-Verguss
•
Technology: ThinGaN (UX:3)
•
Technologie: ThinGaN (UX:3)
•
Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
•
Color: true green (528 nm)
•
Farbe: true green (528 nm)
Applications
Anwendungen
•
Backlighting
•
Hinterleuchtung
•
Signal and Symbol Luminary
•
Signal- und Symbolleuchten
•
Wearables
•
Wearables


Similar Part No. - LTPWSG

ManufacturerPart #DatasheetDescription
logo
ams AG
LTPWSG AMSCO-LTPWSG Datasheet
1Mb / 23P
With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.3 2021-07-15
LTPWSG-BACA-36-N626 AMSCO-LTPWSG-BACA-36-N626 Datasheet
1Mb / 23P
With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.3 2021-07-15
LTPWSG-BACA-36-N626-F AMSCO-LTPWSG-BACA-36-N626-F Datasheet
1Mb / 23P
With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.3 2021-07-15
More results

Similar Description - LTPWSG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWDNLS31.RA OSRAM-KWDNLS31.RA Datasheet
738Kb / 24P
Backlighting
LOE67F OSRAM-LOE67F Datasheet
445Kb / 20P
Backlighting
LOM670 OSRAM-LOM670 Datasheet
479Kb / 19P
Backlighting
LWY1SG OSRAM-LWY1SG_14 Datasheet
551Kb / 22P
Backlighting
LTW5SM OSRAM-LTW5SM Datasheet
633Kb / 21P
Backlighting
LBQH9G OSRAM-LBQH9G Datasheet
741Kb / 21P
Backlighting
LWQ38G OSRAM-LWQ38G Datasheet
562Kb / 22P
Backlighting
LAT67D OSRAM-LAT67D Datasheet
757Kb / 20P
Backlighting
LBE6SG OSRAM-LBE6SG Datasheet
604Kb / 21P
Backlighting
LBE63C OSRAM-LBE63C_16 Datasheet
1Mb / 22P
Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com