Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2-R15-10 Datasheet(PDF) 2 Page - Superworld Electronics

Part # L2-R15-10
Description  Chip Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L2-R15-10 Datasheet(HTML) 2 Page - Superworld Electronics

  L2-R15-10 Datasheet HTML 1Page - Superworld Electronics L2-R15-10 Datasheet HTML 2Page - Superworld Electronics L2-R15-10 Datasheet HTML 3Page - Superworld Electronics L2-R15-10 Datasheet HTML 4Page - Superworld Electronics L2-R15-10 Datasheet HTML 5Page - Superworld Electronics L2-R15-10 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Chip Inductors – L2 Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
14/08/2017
P2
5. General Specification
a) Operating Temperature: - 40°C to +105°C (including self-temperature rise)
b) Storage Condition (component in its packaging)
i)
Temperature: Less than 40°C
ii) Humidity: 60% RH
6. Electrical Characteristics
Part No.
Inductance (uH)
Q
Rated
Current
(mA) Max.
DCR
(Ω) Max.
SRF (MHz)
Min.
Tolerance
Test Frequency
(Hz)
Min.
Test
Frequency
(MHz)
L2-47N□-10
0.047
60mV / 50M
10
50
50
0.30
260
L2-68N□-10
0.068
60mV / 50M
10
50
50
0.30
250
L2-82N□-10
0.082
60mV / 50M
10
50
50
0.30
245
L2-R10□-10
0.10
60mV / 25M
15
25
50
0.50
240
L2-R12□-10
0.12
60mV / 25M
15
25
50
0.50
205
L2-R15□-10
0.15
60mV / 25M
15
25
50
0.60
180
L2-R18□-10
0.18
60mV / 25M
15
25
50
0.60
165
L2-R22□-10
0.22
60mV / 25M
15
25
50
0.80
150
L2-R27□-10
0.27
60mV / 25M
15
25
50
0.80
136
L2-R33□-10
0.33
60mV / 25M
15
25
35
0.85
125
L2-R39□-10
0.39
60mV / 25M
15
25
35
1.00
110
L2-R47□-10
0.47
60mV / 25M
15
25
35
1.35
105
L2-R56□-10
0.56
60mV / 25M
15
25
35
1.55
95
L2-R68□-10
0.68
60mV / 25M
15
25
35
1.70
80
L2-R82□-10
0.82
60mV / 25M
15
25
35
2.10
75
L2-1R0□-10
1.0
60mV / 10M
30
10
25
0.60
70
L2-1R5□-10
1.5
60mV / 10M
30
10
25
0.80
55
L2-1R8□-10
1.8
60mV / 10M
30
10
25
0.95
50
L2-2R2□-10
2.2
60mV / 10M
30
10
15
1.15
45
L2-3R3□-10
3.3
60mV / 10M
30
10
15
1.55
38
L2-4R7□-10
4.7
60mV / 10M
30
10
15
2.10
33
L2-100□-10
10
60mV / 2M
30
2
15
2.55
17
Note: □ Tolerance: K=±10%, L=±15%, M=±20%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com