Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2-R15-10 Datasheet(PDF) 4 Page - Superworld Electronics

Part # L2-R15-10
Description  Chip Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L2-R15-10 Datasheet(HTML) 4 Page - Superworld Electronics

  L2-R15-10 Datasheet HTML 1Page - Superworld Electronics L2-R15-10 Datasheet HTML 2Page - Superworld Electronics L2-R15-10 Datasheet HTML 3Page - Superworld Electronics L2-R15-10 Datasheet HTML 4Page - Superworld Electronics L2-R15-10 Datasheet HTML 5Page - Superworld Electronics L2-R15-10 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Chip Inductors – L2 Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
14/08/2017
P4
8. Soldering
Mildly activated rosin fluxes are preferred. The terminations are suitable for re-flow soldering systems. If hand
soldering cannot be avoided, the preferred technique is the utilization of hot air soldering tools.
Note:
If wave soldering is used, there will be some risk.
Re-flow soldering temperatures below 240°C, there will be non-wetting risk
8-1 Solder Re-flow:
Recommended temperature profiles for lead free re-flow soldering in Figure 1.
8-2 Soldering Iron (Figure 2):
Products attachment with soldering iron is discouraged due to the inherent process control limitations. In
the event that a soldering iron must be employed the following precautions are recommended.
Note:
a) Preheat circuit and products to 150°C.
b) 350°C tip temperature (Max.)
c) Never contact the ceramic with the iron tip
d) 1.0mm tip diameter (Max.)
e) Use a 20 watt soldering iron with tip diameter of 1.0mm
f) Limit soldering time to 4~5 secs.
8-3 Soldering Volume:
Accordingly increasing the solder volume, the mechanical stress to product is also increased. Exceeding
solder volume may cause the failure of mechanical or electrical performance. Solder shall be used not to
be exceeding as shown in the Figure 3. Minimum fillet height = soldering thickness + 25% product height.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com