Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2-R15-10 Datasheet(PDF) 5 Page - Superworld Electronics

Part # L2-R15-10
Description  Chip Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L2-R15-10 Datasheet(HTML) 5 Page - Superworld Electronics

  L2-R15-10 Datasheet HTML 1Page - Superworld Electronics L2-R15-10 Datasheet HTML 2Page - Superworld Electronics L2-R15-10 Datasheet HTML 3Page - Superworld Electronics L2-R15-10 Datasheet HTML 4Page - Superworld Electronics L2-R15-10 Datasheet HTML 5Page - Superworld Electronics L2-R15-10 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Chip Inductors – L2 Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
14/08/2017
P5
9. Packaging Information
9-1 Reel Dimension
Type
A (mm)
B (mm)
C (mm)
D (mm)
7” x 8mm
9.0 ± 0.5
60.0 ± 2.0
13.5 ± 0.5
178.0± 2.0
9-2 Tape Dimension
Material of taping is paper
Size
Bo(mm)
Ao(mm)
Ko(mm)
P(mm)
t(mm)
160808
1.80±0.05 0.96+0.05/-0.03 0.95±0.05
4.0±0.10
0.95±0.05



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com