Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTLP015FWS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MTLP015FWS
Description  Wire Bondable Thin Film Micro-Strip Transmission Line Resistor Arrays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MTLP015FWS Datasheet(HTML) 1 Page - Vishay Siliconix

  MTLP015FWS Datasheet HTML 1Page - Vishay Siliconix MTLP015FWS Datasheet HTML 2Page - Vishay Siliconix MTLP015FWS Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MTLP
www.vishay.com
Vishay Electro-Films
Revision: 16-Nov-17
1
Document Number: 61097
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wire Bondable Thin Film Micro-Strip Transmission
Line Resistor Arrays
Product may not be to scale
MTLP series of thin film 50
 micro-strip transmission lines
with two rows of tuning pads are designed for test and
measurement applications.
Standard configurations of the MTLP series include an array
of wire bondable terminations that allow integration of
discrete components.
Custom configurations including open, short and load
element are available upon request.
FEATURES
• 50
 micro-strip configuration
• Wire bondable terminations
• Alumina (99.6 %) substrate; as-fired or polished
APPLICATIONS
• Test and measurement setups
• Network analyzer calibration elements
• RF bread boarding
• High frequency hybrid assemblies
CUSTOM DESIGNED ELEMENTS
Vishay EFI will custom design additional geometries and
form factors upon request.
Information about standard design rules can be found at
www.vishay.com/doc?49109
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
VALUE
UNIT
Characteristic Impedance
50
Mechanical Tolerances
± 0.1 (± 4 μm)
mil
Operating Temperature Range
-55 to +125
°C
DIMENSIONS in inches
LENGTH
WIDTH
THICKNESS
0.01 to 0.5
0.03 ± 0.002
0.010 ± 0.001
Full ground plane
on back side
0.01" (250 μm)
0.03" (750 μm)
0.01"
(250 μm)
0.004"
(100 μm)
0.0012"
(30 μm)
0.005" square
(125 μm square)


Similar Part No. - MTLP015FWS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MTL MSYSTEM-MTL Datasheet
99Kb / 2P
Plug-in Signal Conditioners M-UNIT
MTL-0 MSYSTEM-MTL-0 Datasheet
99Kb / 2P
Plug-in Signal Conditioners M-UNIT
MTL-0/Q MSYSTEM-MTL-0/Q Datasheet
99Kb / 2P
Plug-in Signal Conditioners M-UNIT
MTL-2 MSYSTEM-MTL-2 Datasheet
99Kb / 2P
Plug-in Signal Conditioners M-UNIT
MTL-2/Q MSYSTEM-MTL-2/Q Datasheet
99Kb / 2P
Plug-in Signal Conditioners M-UNIT
More results

Similar Description - MTLP015FWS

ManufacturerPart #DatasheetDescription
logo
Bi technologies
694 BITECH-694 Datasheet
101Kb / 5P
Dual In-Line Precision Thin Film Resistor Networks
logo
RCD COMPONENTS INC.
STF2020A-1000-BQ25W RCD-STF2020A-1000-BQ25W Datasheet
34Kb / 1P
PRECISION THIN FILM CHIP ARRAYS
logo
IRC - a TT electronics ...
WBDDSS4-A-01-1002-JG IRCTT-WBDDSS4-A-01-1002-JG Datasheet
750Kb / 4P
Wire Bondable Resistor Network Arrays
WBD-DSOT23V-470-M-470-M IRCTT-WBD-DSOT23V-470-M-470-M Datasheet
423Kb / 3P
Wire Bondable Resistor/Capacitor Circuits
logo
Vishay Siliconix
MTR VISHAY-MTR Datasheet
92Kb / 3P
Wire Bondable Thin Film Multi-Tap Resistor Arrays
18-Apr-13
MTT VISHAY-MTT Datasheet
101Kb / 3P
Wire Bondable Thin Film Multi-Tap Resistor Arrays
06-Apr-17
PRAHR VISHAY-PRAHR Datasheet
117Kb / 7P
ESCC 4001/025 Qualified High Precision Thin Film Chip Resistor Arrays
19-Nov-14
logo
TT Electronics.
DSS4X TTELEC-DSS4X Datasheet
484Kb / 4P
Wire Bondable Resistor Network Arrays
WBC-RC TTELEC-WBC-RC Datasheet
524Kb / 3P
Wire Bondable Resistor
logo
Vishay Siliconix
CLA VISHAY-CLA Datasheet
103Kb / 3P
Wire Bondable Thin Film Resistor Arrays
30-May-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com