Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM2002DP Datasheet(PDF) 1 Page - Sames

Part # PM2002DP
Description  EnergyMeter Evaluation Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM2002DP Datasheet(HTML) 1 Page - Sames

  PM2002DP_03 Datasheet HTML 1Page - Sames PM2002DP_03 Datasheet HTML 2Page - Sames PM2002DP_03 Datasheet HTML 3Page - Sames PM2002DP_03 Datasheet HTML 4Page - Sames PM2002DP_03 Datasheet HTML 5Page - Sames PM2002DP_03 Datasheet HTML 6Page - Sames PM2002DP_03 Datasheet HTML 7Page - Sames PM2002DP_03 Datasheet HTML 8Page - Sames PM2002DP_03 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
INTRODUCTION
THE SA2002D PIN PROGRAMMABLE MONOCHIP
METER
This application note describes the functionality of the
SA2002D metering integrated circuit using the PM2002DP
evaluationmodule.
TheSA2002enablesthemetermanufacturertobuildameter
that measures the energy consumption, and records it toa
mechanical counter.Energyflowdirectionaswellasenergy
metering activity is indicated by means of LEDs. This
applicationnotewillfocusonthepracticaluseoftheSA2002D,
more detailed information specific to the SA2002D can be
foundintheapplicabledatasheet.
Application Note:
EnergyM eter Evaluation Module
PM2002DP
1/10
SPEC-0088(REV.3)
27-08-03
Setting
6A/220V
10A/220V
20A/220V
30A/220V
40A/220V
60A/220V
80A/220V
PinStatus
R0=0,R1=0,R2=1
R0=0,R1=0,R2=0
R0=1,R1=0,R2=0
R0=1,R1=0,R2=1
R0=0,R1=1,R2=0
R0=0,R1=1,R2=1
R0=1,R1=1,R2=0
Calibrated
LEDimp/kWh
6400
6400
3200
3200
1600
1600
800
CONNECTORSONMODULE
The PM2002DPmoduleconnectsdirectlytoliveandneutral
onSCK1.Themoduleisreferencedtoliveandshouldbekept
inmindwhenconnectingtestequipmenttothemodule.The
currentismeasuredbytheshuntonthetopofthePCB.Theleft
terminaloftheshuntisconnectedtolive.Theliveoutwillbe
connectedtotherightterminaloftheshunt.
Table1:Asummaryofthepinsettingspossiblewiththe
SA2002D.Pinstatus0indicatesconnectiontoVSSand1
indicatesconnectiontoVDD.
Name
SCK1
JP2
JP3
FunctionDescription
Mainsconnectorformodulepowerandvoltage
sense
Optionalcurrenttransformerconnector.
(Underneathshuntresistor)
OptionalSteppermotorconnector.(Removejumper
J6todisconnectimpulsecounter)
Table2:Connectordescriptions
LiveIn
Neutral
LiveOut
Figure1:Connectionandjumpersettingsfor80A/220Vbi-directionalmetermodule


Similar Part No. - PM2002DP_03

ManufacturerPart #DatasheetDescription
logo
Sames
PM2002DP SAMES-PM2002DP Datasheet
823Kb / 10P
Energy Meter Evaluation Module
More results

Similar Description - PM2002DP_03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61090EVM-029 TI-TPS61090EVM-029 Datasheet
224Kb / 18P
EVALUATION MODULE
ADS126XEVM-PDK TI1-ADS126XEVM-PDK Datasheet
2Mb / 38P
Evaluation module
logo
Figaro Engineering Inc.
EM3870A FIGARO-EM3870A Datasheet
287Kb / 2P
Evaluation Module
EM5141A FIGARO-EM5141A Datasheet
320Kb / 2P
Evaluation Module
EM7160 FIGARO-EM7160 Datasheet
388Kb / 2P
Evaluation Module
EM8100 FIGARO-EM8100 Datasheet
419Kb / 2P
Evaluation Module
logo
Recom International Pow...
RPX-2.5-EVM-1 RECOM-RPX-2.5-EVM-1 Datasheet
1Mb / 5P
Evaluation Module
RPMB-2.0-EVM-1 RECOM-RPMB-2.0-EVM-1 Datasheet
440Kb / 7P
Evaluation Module
RPMB-3.0-EVM-1 RECOM-RPMB-3.0-EVM-1 Datasheet
440Kb / 7P
Evaluation Module
logo
Linx Technologies
EVM-900-RC-CAS LINX-EVM-900-RC-CAS Datasheet
1Mb / 7P
Evaluation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com