Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM2002DP Datasheet(PDF) 4 Page - Sames

Part # PM2002DP
Description  EnergyMeter Evaluation Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM2002DP Datasheet(HTML) 4 Page - Sames

  PM2002DP_03 Datasheet HTML 1Page - Sames PM2002DP_03 Datasheet HTML 2Page - Sames PM2002DP_03 Datasheet HTML 3Page - Sames PM2002DP_03 Datasheet HTML 4Page - Sames PM2002DP_03 Datasheet HTML 5Page - Sames PM2002DP_03 Datasheet HTML 6Page - Sames PM2002DP_03 Datasheet HTML 7Page - Sames PM2002DP_03 Datasheet HTML 8Page - Sames PM2002DP_03 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PM2002DP
4/10
http://www.sames.co.za
CTTERMINATIONRESISTOR
CURRENTSENSORINPUTRESISTORSFIGURE5(USING
ACURRENTTRANSFORMER)
Provisionismadefortheuseofacurrenttransformeronthe
module. The existing shunt needs to be removed and the
current sense resistors will have to be recalculated for the
specificcurrenttransformer.ThevoltagedropacrosstheCT
terminationresistoratratedcurrentshouldbeatleast20mV.
TheCT'susedshouldhavealowphaseshiftandaratioof
1:2500.The CT is terminated witha 2.7
resistor givinga
voltagedropof864mVacrosstheterminationresistoratrated
conditions
TheresistorsR6,R7definethecurrentlevelintothecurrent
senseinputsthedevice.Theresistorvaluesare selectedforan
inputcurrentof16µAonthecurrentinputsatratedconditions.
For an 80A-ratedmetertheresistorvaluesarecalculatedas
follows:
R6=R7=(I/16µA)x R /2
=80A/16µAx2.7
/2
=2.7k
I Linecurrent
RSH=CTTerminationresistor
2500=CTratio
Ω
L
SH
L=
Ω
Ω
Figure5:Currentinputconfiguration
LIVEIN
LIVEOUT
R16
IIN
IIP
J5
L
CT1
R6
R7
PhaseCompensation(Whenusingacurrenttransformer)
ReferenceVoltageVREF
GroundGND
Phase shift caused by the current transformer may be
correctedbyinsertingacapacitorinthevoltagedividercircuit.
SeeFigure6,CapacitorC7.Tocompensateforaphaseshiftof
0.18degreesthecapacitorvalueiscalculatedasfollows:
C=1/(2 x
xMainsfrequencyxR5xtan(Phaseshiftangle))
C=1/(2 x
x50x1Mxtan(0.18degrees))
C=1.013µF
TheVREFpinoftheSA2002Disconnectedtoaresistorthat
determinestheonchipbiascurrent.
TheGNDpinoftheSA2002Distothelivephase,whichis
halfway between VDD and VSS. Note that supply bypass
capacitorsC1andC2arepositionedascloseaspossibletothe
supply pinsofthedevice,andconnected toa solid ground
plane.
π
π



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com