Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM2002DP Datasheet(PDF) 3 Page - Sames

Part # PM2002DP
Description  EnergyMeter Evaluation Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM2002DP Datasheet(HTML) 3 Page - Sames

  PM2002DP_03 Datasheet HTML 1Page - Sames PM2002DP_03 Datasheet HTML 2Page - Sames PM2002DP_03 Datasheet HTML 3Page - Sames PM2002DP_03 Datasheet HTML 4Page - Sames PM2002DP_03 Datasheet HTML 5Page - Sames PM2002DP_03 Datasheet HTML 6Page - Sames PM2002DP_03 Datasheet HTML 7Page - Sames PM2002DP_03 Datasheet HTML 8Page - Sames PM2002DP_03 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PM2002DP
3/10
http://www.sames.co.za
ANALOG SECTION
The analog (metering) interface described in thissectionis
designed formeasuring220V/80Awithprecisionbetter than
Class1.
The most important external components for the SA2002D
integratedcircuitarethecurrentsenseresistors,thevoltage
sense resistors and the bias setting resistor.Th e resistors
usedinthemeteringsectionshouldbeofthesametypeso
temperatureeffectsareminimized.
ThevoltageinputoftheSA2002D(IVP)isdrivenwithacurrent
of14µAatnominalmainsvoltage.Thisvoltageinputsaturates
atapproximately17µA. Atanominalvoltagecurrentof14µA
allowsfor20%overdriving.Themainsvoltageisdividedwitha
voltagedividerto14Vthatisfedtothevoltageinputpinsviaa
1M resistor
Thevoltagedivideris(Figure3)calculatedforavoltagedropof
14V.TreatC7asashortcircuitandignoreJ16.Equationsfor
thevoltagedividerinfigure3are:
RA=R1+R2+R3+R15+R10
RB=R12||(R11+P1/2)
Combiningthetwoequationsgives:
(RA+RB)/220V=RB/14V
Values forresistorsR10=4 7 , R11=22 k ,P1=10k
and
R12=1M
chosen.
Substitutingthevaluesresultin:
RB=26.29k
RA=RBx(220V/14V-1)
RA=386.84k
VoltageInputIVP
Ω
VoltageDivider
Ω
ΩΩ
Ω
Ω
Ω
are
Figure3:Mainsvoltagedivider
R1
R2
R3
R10
R11
R12
NEUTRAL
C7
R15
J16
P1
LIVEIN
StandardresistorvaluesofR1,R2,R3andR15arechosento
be47k ,150k ,47k
and150k .TheresistorRAisdivided
so that the voltage drop across one resistor is within the
specified limits of the resistor type that is used, usually
200VDC.Theresistorvalueratiosarechosensothatshorting
J16themodulecouldbeusedona110VACmainssystem.
The resistorsR6,R7definethecurrentlevelintothecurrent
senseinputsofthedevice.Thevoltagedropacrosstheshunt
shouldbeatleast20mVatratedconditions.Ashuntresistor
witha valueof50mV@80Awaschosenforth e application
moduleforitseaseofuse.Theresistorvaluesarecalculated
for an input current of 16µA on the current inputs at rated
conditions.Fora80Ametertheresistorvaluesarecalculated
asfollows:
R6=R7=(I/16µA)x R /2
=80A/16µAx625u
/2
=1.5625k
I
Linecurrent
Astandardvalueof1.6k
ischosen.
Ω
Ω
ΩΩ
Ω
Ω
Ω
CURRENTSENSORINPUTRESISTORSFIGURE4(USING
ASHUNTRESISTOR)
L
SH
L=
Figure4:Current input configuration
R6
R7
R14
LIVEIN
LIVEOUT
L



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com