Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC3025LSDQ Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMC3025LSDQ
Description  30V COMPLEMENTARY ENHANCEMENT MODE MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC3025LSDQ Datasheet(HTML) 5 Page - Diodes Incorporated

  DMC3025LSDQ Datasheet HTML 1Page - Diodes Incorporated DMC3025LSDQ Datasheet HTML 2Page - Diodes Incorporated DMC3025LSDQ Datasheet HTML 3Page - Diodes Incorporated DMC3025LSDQ Datasheet HTML 4Page - Diodes Incorporated DMC3025LSDQ Datasheet HTML 5Page - Diodes Incorporated DMC3025LSDQ Datasheet HTML 6Page - Diodes Incorporated DMC3025LSDQ Datasheet HTML 7Page - Diodes Incorporated DMC3025LSDQ Datasheet HTML 8Page - Diodes Incorporated DMC3025LSDQ Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DMC3025LSDQ
Document number: DS40186 Rev. 1 - 2
5 of 11
www.diodes.com
October 2017
© Diodes Incorporated
DMC3025LSDQ
N-CHANNEL
0
5
10
15
20
25
30
0
0.5
1.0
1.5
2.0
2.5
3.0
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
DS
0
5
10
15
20
25
30
0
1
2
3
4
5
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 2. Typical Transfer Characteristics
V
= 5.0V
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
0.005
0.015
0.025
0
5
10
15
20
0.010
0.020
0.030
0
I , DRAIN-SOURCE CURRENT (A)
D
Figure. 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
V
= 4.5V
GS
V
= 10V
GS
3
4
5
6
7
8
9
10
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 4. Typical On-Resistance vs.
Drain Current and Gate Voltage
0
0.02
0.04
0.06
0.08
0.10
I = 10A
D
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0
5
10
15
20
25
30
0
I , DRAIN CURRENT (A)
D
Figure 5. Typical On-Resistance vs.
Drain Current and Temperature
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 4.5V
GS
T = -55°C
A
0.6
0.8
1.2
1.4
1.6
1.0
-50
-25
0
25
50
75
100
125 150
T , JUNCTION TEMPERATURE ( C)
Figure 6. On-Resistance Variation with Temperature
J
V
= 4.5V
I = 5A
GS
D
V
=
V
I = 10A
GS
D
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com