Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC3025LSDQ Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMC3025LSDQ
Description  30V COMPLEMENTARY ENHANCEMENT MODE MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC3025LSDQ Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button DMC3025LSDQ Datasheet HTML 2Page - Diodes Incorporated DMC3025LSDQ Datasheet HTML 3Page - Diodes Incorporated DMC3025LSDQ Datasheet HTML 4Page - Diodes Incorporated DMC3025LSDQ Datasheet HTML 5Page - Diodes Incorporated DMC3025LSDQ Datasheet HTML 6Page - Diodes Incorporated DMC3025LSDQ Datasheet HTML 7Page - Diodes Incorporated DMC3025LSDQ Datasheet HTML 8Page - Diodes Incorporated DMC3025LSDQ Datasheet HTML 9Page - Diodes Incorporated DMC3025LSDQ Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DMC3025LSDQ
Document number: DS40186 Rev. 1 - 2
6 of 11
www.diodes.com
October 2017
© Diodes Incorporated
DMC3025LSDQ
0.005
0.015
0.025
0.035
0.010
0.020
0.030
0.040
0
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 7. On-Resistance Variation with Temperature
J
V
= 4.5V
I = 5A
GS
D
V
=
V
I = 10A
GS
D
10
0.2
0.4
0.6
0.8
1.2
1.4
1.6
1.8
2.0
1.0
0
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 8 Gate Threshold Variation vs. Ambient Temperature
J
I = 1mA
D
I = 250µA
D
0
5
10
15
20
25
30
0
0.2
0.4
0.6
0.8
1.0
1.2
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9. Diode Forward Voltage vs. Current
T = 25°C
A
0
5
10
15
20
25
30
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10. Typical Junction Capacitance
10
100
1,000
10,000
C
iss
C
oss
Crss
f = 1MHz
0
2
4
6
8
10
12
Q
(nC)
g, TOTAL GATE CHARGE
Figure 11. Gate Charge
V
= 15V
I =
A
DS
D
10
0.1
1
10
100
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
DS
0.01
0.1
1
10
100
R
Limited
DS(on)
DC
P
= 10s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
P
= 10 s
W
µ
T
= 150°C
T = 25°C
J(max)
A
Single Pulse
P
= 1s
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com