Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2102DSA Datasheet(PDF) 3 Page - Sames

Part # SA2102DSA
Description  Single Phase Kilowatt-hour Metering IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2102DSA Datasheet(HTML) 3 Page - Sames

  SA2102DSA Datasheet HTML 1Page - Sames SA2102DSA Datasheet HTML 2Page - Sames SA2102DSA Datasheet HTML 3Page - Sames SA2102DSA Datasheet HTML 4Page - Sames SA2102DSA Datasheet HTML 5Page - Sames SA2102DSA Datasheet HTML 6Page - Sames SA2102DSA Datasheet HTML 7Page - Sames SA2102DSA Datasheet HTML 8Page - Sames SA2102DSA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
sames
SA2102D
ELECTRICAL CHARACTERISTICS (continued)
(
V
= 2.5V, V
= -2.5V, over the temperature range -10°C to +85°C , unless otherwise specified. Refer to Figure 2 Test Circuit for
Electrical Characteristics.)
DD
SS
#
Condition
Unit
Max
Typ
Min
Symbol
Parameter
3/16
http://www.sames.co.za
Reference Voltage
Input VREF
Ref. Current
Ref. Voltage
µA
V
-IR
VR
23
1.1
27
1.3
25
With R = 47K
W
connected to VSS
Temperature coefficient
ppm/°C
10
On-chip oscillator
Oscillator frequency
MHz
3.73723
Temperature coefficient
ppm/°C
70
# Extended Operating Temperature Range available on request.
ABSOLUTE MAXIMUM RATINGS*
Unit
Max
Min
Symbol
Parameter
Supply Voltage
Operating temperature limits
Storage Temperature
Specified operating range
V-V
DD
SS
Tlimit
TSTG
TO
3.6
-40
-40
-25
6
+85
+125
+85
V
°C
°C
°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only. Functional operation of the device at these or any other condition above those indicated in the operational sections of
this specification, is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability.
Figure 2: Test Circuit for Electrical Characteristics
VDD
IIN
IIP
IVP
AGND
VSS FAST R0 R1 R2
VREF
LED
MOP
SA2102D
MON
DIRO DIRI
SO
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com