Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2102DSA Datasheet(PDF) 5 Page - Sames

Part # SA2102DSA
Description  Single Phase Kilowatt-hour Metering IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2102DSA Datasheet(HTML) 5 Page - Sames

  SA2102DSA Datasheet HTML 1Page - Sames SA2102DSA Datasheet HTML 2Page - Sames SA2102DSA Datasheet HTML 3Page - Sames SA2102DSA Datasheet HTML 4Page - Sames SA2102DSA Datasheet HTML 5Page - Sames SA2102DSA Datasheet HTML 6Page - Sames SA2102DSA Datasheet HTML 7Page - Sames SA2102DSA Datasheet HTML 8Page - Sames SA2102DSA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
sames
SA2102D
5/16
http://www.sames.co.za
TERMINOLOGY
Bi-directional and Uni-directional measurement
In the bi-directional configuration the LED, MON and MOP
outputs generate pulses at a frequency that is proportional to
the energy measured in both forward and reverse directions.
In the uni-directional configuration the LED, MOP and MON
outputs generate pulses at a frequency that is proportional to
the energy measured only if the energy flow is in the same
direction as selected by the DIRI pin. No output pulses are
generated for energy flowing counter to the DIRI pin selection.
The DIRI pin can select either positive or negative energy flow.
Positive energy is defined when the phase difference between
the input signals IIP and IVP are less than 90 Degrees.
Percentage error is given by the following formula:
Positive energy
Negative energy
Negative energy is defined when the phase difference
between the input signals IIP and IVP is greater than 90
degrees (90..270 degrees).
Percentage error*
NOTE Since the true value cannot be determined, it is approximated
by a value with a stated uncertainty that can be traced to standards
agreed upon between manufacturer and user or to national standards.
Rated Operating Conditions*
Specified Measuring Range*
Specified Operating Range*
Limit range of operation*
Maximum Rated Mains Current (I
)
Set of specified measuring ranges for performance
characteristics and specified operating ranges for influence
quantities, within which the variations or operating errors of a
meter are specified and determined.
Value expressing the relation between the active energy
registered by the meter and the corresponding value of the test
output. If this value is a number of pulses, the constant should
be either pulses per kilowatt-hour (imp/kWh) or watt-hours per
pulse (Wh/imp).
Set of values of a measured quantity for which the error of a
meter is intended to lie within specified limits.
Range of values of a single influence quantity, which forms a
part of the rated operating conditions.
Extreme conditions which an operating meter can withstand
without damage and without degradation of its metrological
characteristics when it is subsequently operated under its rated
operating conditions.
Nominal Mains Voltage (V
) is the voltage specified for the
energy meter at Rated Operating Conditions.
Maximum Rated Mains Current is the current flowing through
the energy meter at Rated Operating Conditions.
Nominal Mains Voltage (V
)
NOM
NOM
MAX
Constant*
%Error =
Energy registered by SA2102D - True energy
True energy
X 100
*IEC 61036, 2000. Alternating Current Static Watt-hour Meters for Active Energy. Edition 2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com