Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2102DSA Datasheet(PDF) 4 Page - Sames

Part # SA2102DSA
Description  Single Phase Kilowatt-hour Metering IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2102DSA Datasheet(HTML) 4 Page - Sames

  SA2102DSA Datasheet HTML 1Page - Sames SA2102DSA Datasheet HTML 2Page - Sames SA2102DSA Datasheet HTML 3Page - Sames SA2102DSA Datasheet HTML 4Page - Sames SA2102DSA Datasheet HTML 5Page - Sames SA2102DSA Datasheet HTML 6Page - Sames SA2102DSA Datasheet HTML 7Page - Sames SA2102DSA Datasheet HTML 8Page - Sames SA2102DSA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4/16
sames
SA2102D
http://www.sames.co.za
PIN DESCRIPTION
Figure 3: Pin connections: Package: PDIP20, SOIC20
1
IIN
AGND
IIP
IVP
MON
DIRI
VSS
VREF
R2
R1
R0
FAST
VDD
DIRO
NC
LED
MOP
CNF
NC
SO
2
3
4
5
615
14
13
12
11
10
9
8
7
16
17
18
19
20
SA2102D
Analog Ground. The supply voltage to this pin should be mid-way between V
and V
.
DD
SS
Positive Supply Voltage. The voltage to this pin is typically +2.5V if a shunt resistor is used for
current sensing or in the case of a current transformer a +5V supply can be applied.
AGND
VDD
Designation
Description
PIN
20
8
Negative Supply Voltage. The voltage to this pin is typically -2.5V if a shunt resistor is used for
current sensing or in the case of a current transformer a 0V supply can be applied.
VSS
14
Analog Input for Voltage. The current into the voltage sense input IVP should be set at 14µA
at
Nominal Mains Voltage(V
). The voltage sense input saturates at an input current of ±25µA peak.
RM S
NOM
19
IVP
Analog input for current. The current into the current sense input IIP pin should be set at 16µA
at Maximum Rated Mains Current (I
). The current sense input saturates at ±25µA peak.
RMS
MAX
1,2
IIN, IIP
This pin provides the connection for the reference current setting resistor. A 47k
resistor
connected to
sets the optimum operating condition.
W
VSS
3
VREF
Rated Condition Select. These inputs are used for the different rated condition configuration.
Refer to the Rated Condition Select section.
6, 5, 4
R0, R1, R2
This input is used to select between STANDARD and FAST mode (LED output pulse rate).
Refer to the LED output section.
7
FAST
Configure / Test input. For normal operation this pin must be connected to
.
VSS
9
CNF
Motor pulse outputs. These outputs can drive an electromechanical counter directly.
12, 15
MOP, MON
Calibration LED output. Refer to the Rated Condition Select section of the pulse rate output options.
13
LED
Direction indicator output. This output indicates the energy flow direction.
17
DIRO
Direction select input. This input is used to enable either bi-directional or uni-directional energy
measurement.
18
DIRI
No Connection.
10, 16
NC
Select Output. When fast mode is selected this input can be used to enable or disable the internal
pulse stability circuitry for the LED output pulses. Refer to the Select Output section.
11
SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com