Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OX360 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # OX360
Description  OCXO, Sine wave, HCMOS, LVTTL, 20.2 x 20.2 x 10.0mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

OX360 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  OX360 Datasheet HTML 1Page - Advanced Crystal Technology OX360 Datasheet HTML 2Page - Advanced Crystal Technology OX360 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OX360 Series
Output characteristics
  Parameter
Specification
Remarks/Test condition
 Frequency range 
5.0MHz ~ 50.0MHz
Limited frequencies available: 5MHz,  
10MHz, 12.8MHz, 13MHz,16.384MHz, 
19.2MHz, 19.44MHz, 20MHz, 25.6MHz, 
26MHz, 30.72MHz, 32.768MHz, 38.88MHz, 
40MHz, 50MH                                                 
Contact us for custom frequency 
requirement
Operating voltages
3.3V, 5.0V
Output waveform
Sine wave
LVTTL, HCMOS
Output load
50.0Ω
15pF
Output amplitude (dBm) | Peak‐Peak(V)
5.0dBm | 1.1V
‐
8.0dBm | 1.6V
‐
Harmonic
≤‐40.0dBc
‐
Spurious
≤‐75.0dBc
‐
Frequency stability (Typical, @ 10.00MHz)
 vs Operating temperature
±1.0ppb ~ ±10.0ppb
Table 1
Day aging
±0.5ppb ~ ±1.0ppb
Table 1
Year aging
±50.0ppb
Table 1
Stability vs Voltage
±1.0ppb ~ ±3.0ppb
Table 1
Stability vs Load
±1.0ppb ~ ±3.0ppb
Table 1
Short‐term stability
0.01ppb/S
In stable temp. Without EMI/MEC or other 
interferences, test at25°C after power on for
one hour
Power consumption @ 25°C
Warm‐up power consumption
3.0W
Warm‐up time
2.0 minute max
Stable power consumption
1.5W max
Voltage control characteristics
Frequency pulling range (min)
±0.3ppm~±0.5ppm, ±0.5ppm~±0.8ppm, ±0.7ppm~±1.0ppm, ±1.0ppm ~ ±1.5ppm
Central control voltage
1.65V, 2.5V
Linearity
≤10%
Positive slope
Phase noise (Typical, @ 10.00MHz)
10Hz
‐120dBc/Hz
100Hz
‐140dBc/Hz
1kHz
‐150dBc/Hz
10kHz
‐152dBc/Hz
100kHz
‐155dBc/Hz
Enviormental characteristics
Operable working temperature
‐40°C ~ +85°C
Storage temperature
‐55°C ~ +105°C
Vibration
Amplitude  0.75mm; acceleration: 10g; 10Hz~500Hz; a cycle per 30 min, test for 2 hr in 3 directions(X,Y,Z), IEC 
68‐2‐06 Test fc.
Shock
50g; 11ms; half sine wave (3 directions X,Y,X), IEC 68‐2‐27 test Ea/severity 50A
OCXO, Sine wave, HCMOS, LVTTL, 20.2 x 20.2 x 10.0mm 
●  Stratum 3E 
●  Small size through hole package
●  Excellent frequency vs stability 
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification


Similar Part No. - OX360

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
OX36 BOWEI-OX36 Datasheet
273Kb / 2P
Oven Controlled Crystal Oscillators
logo
Yuechung International ...
OX36275 YIC-OX36275 Datasheet
247Kb / 1P
(V) OX Series : (Voltage-Controlled) Oven Controlled Crystal Oscillators
logo
BOWEI Integrated Circui...
OX36D-H-MR-V@10M BOWEI-OX36D-H-MR-V@10M Datasheet
202Kb / 1P
Oven Controlled Crystal Oscillators
More results

Similar Description - OX360

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
OX260 ACT-OX260 Datasheet
284Kb / 3P
OCXO, Sine wave, HCMOS, 20.4 x 12.7 x 6.5mm
01/06/2017
OX310 ACT-OX310 Datasheet
248Kb / 3P
OCXO, Sine wave, HCMOS, 20.5 x 20.5 x 12.0mm
01/06/2017
OX510 ACT-OX510 Datasheet
248Kb / 3P
OCXO, Sine wave, HCMOS, 25.8 x 25.8 x 12.7mm
01/06/2017
OX560 ACT-OX560 Datasheet
265Kb / 3P
OCXO, Sine wave, HCMOS, LVTTL, 25.4 x 25.4 x 13.0mm
01/06/2017
OX565 ACT-OX565 Datasheet
231Kb / 3P
OCXO, Sine wave, HCMOS, LVTTL, 25.4 x 25.4 x 13.0mm
01/06/2017
OX660 ACT-OX660 Datasheet
297Kb / 3P
OCXO, Sine wave, HCMOS, LVTTL, 36.2 x 27.2 x 13.0mm
01/06/2017
OX665 ACT-OX665 Datasheet
298Kb / 3P
OCXO, Sine wave, HCMOS, LVTTL, 36.2 x 27.2 x 13.0mm
01/06/2017
OX1160 ACT-OX1160 Datasheet
286Kb / 3P
OCXO, Sine wave, HCMOS, 14.4 x 9.5 x 6.5mm
01/06/2017
OX1260 ACT-OX1260 Datasheet
238Kb / 3P
OCXO, Sine wave, HCMOS, 20.4 x 12.7 x 10.7mm
01/06/2017
OX1460 ACT-OX1460 Datasheet
271Kb / 3P
OCXO, Sine wave, HCMOS, LVTTL, 25.4 x 22.0 x 12.0mm
01/06/2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com