Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OX770 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # OX770
Description  Vibration‐isolated package, Sine wave, 50.0 x 50.0 x 30.0mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

OX770 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  OX770 Datasheet HTML 1Page - Advanced Crystal Technology OX770 Datasheet HTML 2Page - Advanced Crystal Technology OX770 Datasheet HTML 3Page - Advanced Crystal Technology OX770 Datasheet HTML 4Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OX770 Series
 Vibration‐isolated package, Sine wave, 50.0 x 50.0 x 30.0mm 
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification
Table 2: Vibration sensitivity
Option
Phase noise @ 1kHz*
140
‐140 dBc/Hz
145
‐145 dBc/Hz
150
‐150 dBc/Hz
155
‐155 dBc/Hz
Vibration profile
PSD ‐ 0.02g²/Hz according to RTCA/DO160E Curve C
●  Functional test: 1 hour each direction
●  Endurance test: 3 hours each direction at 2 times the PSD level of the functional test
Notes: 
Other vibration profiles on request (max  PSD = 0.04g²/Hz for f vibration < 15 Hz).
Available enclosure height depends on vibration profile
Phase noise response under random vibration at 100MHz
Typical phase noise response for vibration sensitivity option ‘155’



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com