Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OX770 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # OX770
Description  Vibration‐isolated package, Sine wave, 50.0 x 50.0 x 30.0mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

OX770 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  OX770 Datasheet HTML 1Page - Advanced Crystal Technology OX770 Datasheet HTML 2Page - Advanced Crystal Technology OX770 Datasheet HTML 3Page - Advanced Crystal Technology OX770 Datasheet HTML 4Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OX770 Series
Output characteristics
  Parameter
Specification
Remarks/Test condition
Frequency range 
50.0MHz ~ 130.0MHz
 Standard: 100MHz, 120MHz
Supply voltage (Vs)
12.0V (typical)
Min: 11.4V, Max: 12.6V 
Warm‐up current consumption
500.0mA max
 Steady state current consumption
300.0mA max
At +25°C
 Operating temperature range
‐40 ~ +85°C
RF output
Output waveform
Sine wave
Output load
50.0Ω
±5%
Output level
 +7dBm min
Harmonics
‐30.0dBc max
Spurious at rest
‐90.0dBc max
Phase noise at rest 
See table 1
Phase noise under random vibration
See table 2
Warm‐up time at +25°C
5.0 minute max
∆f final/ fnominal < ±100.0ppb
Frequency stability
 Initial tolerance
±300.0ppb max
At +25°C, Vc = 5V
 Vs. Operating temperature range
 ±100.0ppb typical,  ±200.0ppb max
For other please enquire
 Vs. supply voltage variation
±10.0ppb max
Vs ± 5%
Long term aging/day
 ±2.0ppb max
After 30 days operation
Long term aging/year
±100.0ppb max
After 30 days operation
Frequency adjustment range
Electronic frequency control (EFC)
Min: ±1.0ppm, typical: ±2.0ppm
EFC voltage Vc
5.0V ± 4.0V
EFC slope
Positive
EFC input impedance
100.0kΩ min
Absolute maximum ratings
Supply voltage Vs
Min: ‐ 0.5V
Max: Vs + 10%
Vs to GND
Control voltage Vc
Min: ‐0.5V
15V
Vc to GND
Storage temperature
‐55°C ~ +125°C
 Vibration‐isolated package, Sine wave, 50.0 x 50.0 x 30.0mm 
●  Ultra ‐ low noise OCXO in vibration isolated package
●  Excellent frequency vs stability 
●  Unit weight: 200gm max
●  RoHS compliant
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification
Table 1: Phase noise  (Unit: dBc/Hz)
100.0MHz
120.0MHz
Offset
Option AOption BOption COption DOption EOption AOption BOption COption DOption E
10 Hz
‐90
‐95
‐97
‐100
‐105
‐85
‐90
‐95
‐97
‐100
100 Hz
‐125
‐130
‐132
‐135
‐137
‐118
‐122
‐125
‐127
‐130
1k Hz
‐155
‐158
‐160
‐162
‐164
‐148
‐150
‐153
‐155
‐157
10 kHz
‐165
‐168
‐170
‐172
‐174
‐160
‐165
‐168
‐170
‐172
≥100 kHz
‐175
‐175
‐175
‐175
‐175
‐175
‐175
‐175
‐175
‐175


Similar Part No. - OX770

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
OX740 ACT-OX740 Datasheet
219Kb / 3P
Ultra low phase noise OCXO, Sine wave, 50.0 x 50.0 x 21.0mm
01/06/2017
logo
Cirrus Logic
OX7RR105KWN APEX-OX7RR105KWN Datasheet
1Mb / 10P
Evaluation Kit
Rev A
More results

Similar Description - OX770

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GSR53 EUROQUARTZ-GSR53 Datasheet
94Kb / 1P
5 x 3.2 x 1.2mm SMD Sine Wave VCXO
GSR64 EUROQUARTZ-GSR64 Datasheet
99Kb / 1P
11.4 x 9.6 x 4.7mm SMD Sine Wave VCXO
logo
FCI connector
50TR20-160 FCI-CONNECTOR-50TR20-160_16 Datasheet
201Kb / 1P
50.0 AMPS AUTOMOTIVE
logo
Advanced Crystal Techno...
OX210 ACT-OX210 Datasheet
252Kb / 3P
DIL 14 package OCXO, Sine wave, HCMOS, 20.7 x 13.1 x 8.5mm
01/06/2017
OX740 ACT-OX740 Datasheet
219Kb / 3P
Ultra low phase noise OCXO, Sine wave, 50.0 x 50.0 x 21.0mm
01/06/2017
OX1160 ACT-OX1160 Datasheet
286Kb / 3P
OCXO, Sine wave, HCMOS, 14.4 x 9.5 x 6.5mm
01/06/2017
OX1210 ACT-OX1210 Datasheet
271Kb / 3P
DIL 14 package OCXO, Sine wave, HCMOS, 22.7 x 15.1 x 11.0mm
01/06/2017
OX1260 ACT-OX1260 Datasheet
238Kb / 3P
OCXO, Sine wave, HCMOS, 20.4 x 12.7 x 10.7mm
01/06/2017
OX1410 ACT-OX1410 Datasheet
266Kb / 3P
OCXO, Sine wave, HCMOS, 25.6 x 22.2 x 14.0mm
01/06/2017
OX1510 ACT-OX1510 Datasheet
243Kb / 3P
OCXO, Sine wave, HCMOS, 27.8 x 27.8 x 15.5mm
01/06/2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com