Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OX770 Datasheet (PDF) - Advanced Crystal Technology

Part # OX770
Description  Vibration‐isolated package, Sine wave, 50.0 x 50.0 x 30.0mm
File Size   390.69 Kbytes
Html View  1   2   3   4 
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

OX770 Datasheet (PDF) - Advanced Crystal Technology



Similar Part No. - OX770

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
OX740 ACT-OX740 Datasheet
219Kb / 3P
Ultra low phase noise OCXO, Sine wave, 50.0 x 50.0 x 21.0mm
01/06/2017
logo
Cirrus Logic
OX7RR105KWN APEX-OX7RR105KWN Datasheet
1Mb / 10P
Evaluation Kit
Rev A
More results


Similar Description - OX770

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GSR53 EUROQUARTZ-GSR53 Datasheet
94Kb / 1P
5 x 3.2 x 1.2mm SMD Sine Wave VCXO
GSR64 EUROQUARTZ-GSR64 Datasheet
99Kb / 1P
11.4 x 9.6 x 4.7mm SMD Sine Wave VCXO
logo
FCI connector
50TR20-160 FCI-CONNECTOR-50TR20-160_16 Datasheet
201Kb / 1P
50.0 AMPS AUTOMOTIVE
logo
Advanced Crystal Techno...
OX210 ACT-OX210 Datasheet
252Kb / 3P
DIL 14 package OCXO, Sine wave, HCMOS, 20.7 x 13.1 x 8.5mm
01/06/2017
OX740 ACT-OX740 Datasheet
219Kb / 3P
Ultra low phase noise OCXO, Sine wave, 50.0 x 50.0 x 21.0mm
01/06/2017
OX1160 ACT-OX1160 Datasheet
286Kb / 3P
OCXO, Sine wave, HCMOS, 14.4 x 9.5 x 6.5mm
01/06/2017
OX1210 ACT-OX1210 Datasheet
271Kb / 3P
DIL 14 package OCXO, Sine wave, HCMOS, 22.7 x 15.1 x 11.0mm
01/06/2017
OX1260 ACT-OX1260 Datasheet
238Kb / 3P
OCXO, Sine wave, HCMOS, 20.4 x 12.7 x 10.7mm
01/06/2017
OX1410 ACT-OX1410 Datasheet
266Kb / 3P
OCXO, Sine wave, HCMOS, 25.6 x 22.2 x 14.0mm
01/06/2017
OX1510 ACT-OX1510 Datasheet
243Kb / 3P
OCXO, Sine wave, HCMOS, 27.8 x 27.8 x 15.5mm
01/06/2017
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com