Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT101 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # SCT101
Description  Software-Compensated LVCMOS-Output TCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

SCT101 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  SCT101 Datasheet HTML 1Page - Advanced Crystal Technology SCT101 Datasheet HTML 2Page - Advanced Crystal Technology SCT101 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SCT101 Series Software-Compensated TCXO
2
Doc. #: SCT101-3P-SS
Rev: -
Parameter
Minimum
Typical
Maximum
Units
Notes
Frequency Range
10
52
MHz
Operational Temperature Range
-45
+90
°C
Frequency vs. Temperature
±20
ppb
See ordering info for other options.
Frequency vs. Supply
±10
ppb
Hysteresis
20
ppb
10 °C/hour
Aging
±2.0
ppb/day
±1.0
ppb/1st year
±0.5
ppm/2nd year
Supply Voltage (Vcc)
3.135
3.3
5.5
Volts
Input Current
25
mA
Load Impedence
10pF || 10K-Ohm
Duty Cycle
45
50
55
%
Startup Time
1.5
ms
To provide an output signal
1000
ms
To achieve temperature stability
Output Levels
Logic '0'
0.3
V
Logic '1'
2.97
3.46
V
Voltage Control Characteristics
Voltage Range (EFC)
0.0
3.3
Volts
Pullability
±8
ppm
Input Z
47K
Ohms
Harmonics
-5
dBc
Phase Noise Characteristics
1 KHz Offset
-136
dBc/Hz
Performance at 26 MHz
Standard Specifications:
Ordering Information:
SCT100-XXMXXXXXX-C
Nominal Frequency
(10-52 MHZ)
Temperature Stability (ppm)
A: ±0.02
D: ±0.2
B: ±0.05
E: ±0.5
C: ±0.1
F: ±1.0
Preliminary



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com