Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT101 Datasheet (PDF) - Advanced Crystal Technology

SCT101 Datasheet PDF - Advanced Crystal Technology
Part # SCT101
Download  SCT101 Download
File Size   764.82 Kbytes
Page   3 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description Software-Compensated LVCMOS-Output TCXO

SCT101 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCT101 Datasheet PDF - Advanced Crystal Technology

Part # SCT101
Download  SCT101 Click to download

File Size   764.82 Kbytes
Page   3 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description Software-Compensated LVCMOS-Output TCXO

SCT101 Datasheet (HTML) - Advanced Crystal Technology




Similar Part No. - SCT101

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
SCT100 ACT-SCT100 Datasheet
762Kb / 3P
Software-Compensated Clipped-Sine-Output TCXO
logo
STMicroelectronics
SCT1000N170 STMICROELECTRONICS-SCT1000N170 Datasheet
305Kb / 11P
Silicon carbide Power MOSFET 1700 V, 1.0 Ω typ., 7 A in an HiP247 package
30-Apr-2021
logo
Beijing Yaohuadechang E...
SCT100B YHDC-SCT100B Datasheet
7Mb / 1P
0.333V Split core current transformer
logo
Cornell Dubilier Electr...
SCT105K102D3B25-F CDE-SCT105K102D3B25-F Datasheet
417Kb / 3P
Snubber Film Capacitor
SCT105K122D3B25-F CDE-SCT105K122D3B25-F Datasheet
417Kb / 3P
Snubber Film Capacitor
More results


Similar Description - SCT101

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
5925A NDK-5925A Datasheet
78Kb / 1P
Temperature-Compensated Crystal Oscillator (TCXO)
logo
Connor-Winfield Corpora...
TFLB530EG CONNOR-WINFIELD-TFLB530EG Datasheet
171Kb / 2P
3.3V SURFACE MOUNT LVCMOS TCXO
TFLB546 CONNOR-WINFIELD-TFLB546 Datasheet
148Kb / 2P
3.3V SURFACE MOUNT LVCMOS TCXO
TFLB546EG CONNOR-WINFIELD-TFLB546EG Datasheet
110Kb / 2P
SURFACE MOUNT 3.3V LVCMOS TCXO with TRI-STATE OUTPUT
TFLB546G CONNOR-WINFIELD-TFLB546G Datasheet
122Kb / 2P
3.3V SURFACE MOUNT LVCMOS TCXO
TFLB546G5 CONNOR-WINFIELD-TFLB546G5 Datasheet
162Kb / 2P
SURFACE MOUNT 3.3V LVCMOS TCXO
logo
NIHON DEMPA KOGYO
NT7050BB NDK-NT7050BB Datasheet
573Kb / 1P
Temperature Compensated Crystal Oscillator (TCXO)
logo
Advanced Crystal Techno...
SCH100 ACT-SCH100 Datasheet
659Kb / 3P
Software Compensated OCXO
SCH101 ACT-SCH101 Datasheet
700Kb / 3P
Software Compensated OCXO
SCT100 ACT-SCT100 Datasheet
762Kb / 3P
Software-Compensated Clipped-Sine-Output TCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com