Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT101 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # SCT101
Description  Software-Compensated LVCMOS-Output TCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

SCT101 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  SCT101 Datasheet HTML 1Page - Advanced Crystal Technology SCT101 Datasheet HTML 2Page - Advanced Crystal Technology SCT101 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCT101 Series
Key Features
• OCXO performance without
the negative warm-up and
input power characteristics
of an OCXO
• Compensated for trim effect
• Temperature stability as low
as ±0.02 ppm
Common Applications
• Test Instrumentation
• Low-power communication
systems
• GPS applications
• OCXO replacement
Software-Compensated LVCMOS-Output TCXO
Doc. #: SCT101-3P-SS
Rev: -
Functional Description
The SCT-series TCXO combines Esterline Research and Design’s new patent-pending M-SAC compensation
technology with state-of-the-art oscillator designs to produce TCXOs that outperform many OCXO designs
for stability, warm-up time, and input power. The new SCT-series TCXO offers temperature performance
unmatched by any other TCXO on the market today and is offered in a small footprint, one-square-inch
hermetic package.
This product is compensated for trim effect to ensure the temperature stability performance is maintained
as the frequency is adjusted by the user to correct for aging (drift over time). Stability degradation result-
ing from frequency adjustment is virtually ignored by most manufacturers, and the M-SAC compensation
ensures the low-ppb temperature stability achieved by SCT-series TCXOs is maintained at frequency adjust-
ment extremes.


Similar Part No. - SCT101

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
SCT100 ACT-SCT100 Datasheet
762Kb / 3P
Software-Compensated Clipped-Sine-Output TCXO
logo
STMicroelectronics
SCT1000N170 STMICROELECTRONICS-SCT1000N170 Datasheet
305Kb / 11P
Silicon carbide Power MOSFET 1700 V, 1.0 Ω typ., 7 A in an HiP247 package
30-Apr-2021
logo
Beijing Yaohuadechang E...
SCT100B YHDC-SCT100B Datasheet
7Mb / 1P
0.333V Split core current transformer
logo
Cornell Dubilier Electr...
SCT105K102D3B25-F CDE-SCT105K102D3B25-F Datasheet
417Kb / 3P
Snubber Film Capacitor
SCT105K122D3B25-F CDE-SCT105K122D3B25-F Datasheet
417Kb / 3P
Snubber Film Capacitor
More results

Similar Description - SCT101

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
5925A NDK-5925A Datasheet
78Kb / 1P
Temperature-Compensated Crystal Oscillator (TCXO)
logo
Connor-Winfield Corpora...
TFLB530EG CONNOR-WINFIELD-TFLB530EG Datasheet
171Kb / 2P
3.3V SURFACE MOUNT LVCMOS TCXO
TFLB546 CONNOR-WINFIELD-TFLB546 Datasheet
148Kb / 2P
3.3V SURFACE MOUNT LVCMOS TCXO
TFLB546EG CONNOR-WINFIELD-TFLB546EG Datasheet
110Kb / 2P
SURFACE MOUNT 3.3V LVCMOS TCXO with TRI-STATE OUTPUT
TFLB546G CONNOR-WINFIELD-TFLB546G Datasheet
122Kb / 2P
3.3V SURFACE MOUNT LVCMOS TCXO
TFLB546G5 CONNOR-WINFIELD-TFLB546G5 Datasheet
162Kb / 2P
SURFACE MOUNT 3.3V LVCMOS TCXO
logo
NIHON DEMPA KOGYO
NT7050BB NDK-NT7050BB Datasheet
573Kb / 1P
Temperature Compensated Crystal Oscillator (TCXO)
logo
Advanced Crystal Techno...
SCH100 ACT-SCH100 Datasheet
659Kb / 3P
Software Compensated OCXO
SCH101 ACT-SCH101 Datasheet
700Kb / 3P
Software Compensated OCXO
SCT100 ACT-SCT100 Datasheet
762Kb / 3P
Software-Compensated Clipped-Sine-Output TCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com