Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCT-49K630-R Datasheet(PDF) 3 Page - Teledyne Technologies Incorporated

Part # CCT-49K630-R
Description  Latching Multi-Throw Coaxial Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCT-49K630-R Datasheet(HTML) 3 Page - Teledyne Technologies Incorporated

  CCT-49K630-R Datasheet HTML 1Page - Teledyne Technologies Incorporated CCT-49K630-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CCT-49K630-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CCT-49K630-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CCT-49K630-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCT-49K630-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCT-49K630-R Datasheet HTML 7Page - Teledyne Technologies Incorporated CCT-49K630-R Datasheet HTML 8Page - Teledyne Technologies Incorporated CCT-49K630-R Datasheet HTML 9Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© 2016 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCT-49K/CT-49K Page 3
CCT-49K\CT-49K\072016Q3
Series CCT-49K/CT-49K
Internal 50Ω Termination DC-40 GHz
Latching Multi-Throw Coaxial Switch
COAX SWITCHES
9-PIN D-SUB CONNECTOR
1
9
15-PIN D-SUB CONNECTOR
CONNECTOR PINOUT FOR LATCHING SP3T MULTI-THROW SWITCHES
EXAMPLE
CT-49K630-S
CT49K63C-S
CT49K630-TS
CT49K63C-TS
CT49K630-TDS
CT49K63C-TDS
INDICATOR
YES
YES
YES
TTL
YES
YES
DECODERS & TTL
YES
YES
PIN NO.
9-PIN
15-PIN
9-PIN
15-PIN
9-PIN
15-PIN
1PORT 1PORT 1
TTL 1
TTL 1
LOGIC 1LOGIC 1
2PORT 2PORT 2
TTL 2
TTL 2
LOGIC 2LOGIC 2
3PORT 3PORT 3
TTL 3
TTL 3
LOGIC 3LOGIC 3
4
5
6
7COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
8RESET
RESET
RESET
RESET
9
VSW
VSW
VSW
VSW
10
D INDICATOR (COM)
D INDICATOR (COM)
D INDICATOR (COM)
11
E INDICATOR
E INDICATOR
E INDICATOR
12
F INDICATOR
F INDICATOR
F INDICATOR
13
G INDICATOR
G INDICATOR
G INDICATOR
14
15
CONNECTOR PINOUT FOR LATCHING SP4T MULTI-THROW SWITCHES
EXAMPLE
CT-49K640-S
CT49K64C-S
CT49K640-TS
CT49K64C-TS
CT49K640-TDS
CT49K64C-TDS
INDICATOR
YES
YES
YES
TTL
YES
YES
DECODERS & TTL
YES
YES
PIN NO.
9-PIN
15-PIN
9-PIN
15-PIN
9-PIN
15-PIN
1PORT 1PORT 1
TTL 1
TTL 1
LOGIC 1LOGIC 1
2PORT 2PORT 2
TTL 2
TTL 2
LOGIC 2LOGIC 2
3PORT 3PORT 3
TTL 3
TTL 3
LOGIC 3LOGIC 3
4PORT 4PORT 4
TTL 4
TTL 4
5
6
7COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
8RESET
RESET
RESET
RESET
9
VSW
VSW
VSW
VSW
10
D INDICATOR (COM)
D INDICATOR (COM)
D INDICATOR (COM)
11
E INDICATOR
E INDICATOR
E INDICATOR
12
F INDICATOR
F INDICATOR
F INDICATOR
13
G INDICATOR
G INDICATOR
G INDICATOR
14
H INDICATOR
H INDICATOR
H INDICATOR
15
CONNECTOR PINOUT FOR LATCHING SP5T MULTI-THROW SWITCHES
EXAMPLE
CT-49K650-S
CT49K65C-S
CT49K650-TS
CT49K65C-TS
CT49K650-TDS
CT49K65C-TDS
INDICATOR
YES
YES
YES
TTL
YES
YES
DECODERS & TTL
YES
YES
PIN NO.
9-PIN
15-PIN
9-PIN
15-PIN
9-PIN
15-PIN
1PORT 1PORT 1
TTL 1
TTL 1
LOGIC 1LOGIC 1
2PORT 2PORT 2
TTL 2
TTL 2
LOGIC 2LOGIC 2
3PORT 3PORT 3
TTL 3
TTL 3
LOGIC 3LOGIC 3
4PORT 4PORT 4
TTL 4
TTL 4
5PORT 5PORT 5
TTL 5
TTL 5
6
7COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
8RESET
RESET
RESET
RESET
9
VSW
VSW
VSW
VSW
10
D INDICATOR (COM)
D INDICATOR (COM)
D INDICATOR (COM)
11
E INDICATOR
E INDICATOR
E INDICATOR
12
F INDICATOR
F INDICATOR
F INDICATOR
13
G INDICATOR
G INDICATOR
G INDICATOR
14
H INDICATOR
H INDICATOR
H INDICATOR
15
K INDICATOR
K INDICATOR
K INDICATOR



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com