Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCT-49K630-R Datasheet(PDF) 5 Page - Teledyne Technologies Incorporated

Part # CCT-49K630-R
Description  Latching Multi-Throw Coaxial Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCT-49K630-R Datasheet(HTML) 5 Page - Teledyne Technologies Incorporated

  CCT-49K630-R Datasheet HTML 1Page - Teledyne Technologies Incorporated CCT-49K630-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CCT-49K630-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CCT-49K630-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CCT-49K630-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCT-49K630-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCT-49K630-R Datasheet HTML 7Page - Teledyne Technologies Incorporated CCT-49K630-R Datasheet HTML 8Page - Teledyne Technologies Incorporated CCT-49K630-R Datasheet HTML 9Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
© 2016 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCT-49K/CT-49K Page 5
CCT-49K\CT-49K\072016Q3
Series CCT-49K/CT-49K
Internal 50Ω Termination DC-40 GHz
Latching Multi-Throw Coaxial Switch
COAX SWITCHES
TRUTH TABLE Latching
CCT-49KX4C-TD
Logic Input
RF Path
Indicator
Switches
123
J1
J2
J3
J4
Reset
E
F
G
H
000
On
Off
Off
Off
Off
C
000
100
Off
On
Off
Off
Off
0
C
00
010
Off
Off
On
Off
Off
0
0
C
0
1
1
0
Off
Off
Off
On
Off
0
0
0
C
0
1
1
Off
Off
Off
Off
Reset
0
0
0
0
1
1
1
COIL OFF
0
0
0
0
TRUTH TABLE Latching
CCT-49KX3C-TD
Logic
Input
RF Path
Indicator
Switches
123
J1
J2
J3
Reset
E
F
G
000
On
Off
Off
Off
C
00
100
Off
On
Off
Off
0
C
0
010
Off
Off
On
Off
0
0
C
0
1
1
Off
Off
Off
Reset
0
0
0
1
1
1
COIL OFF
000
TRUTH TABLE Latching
CCT-49KX3C-T
Logic
Input
RF Path
Indicator
Switches
123
R
J1
J2
J3
Reset
E
F
G
1000
On
Off
Off
Off
C
00
0100
Off
On
Off
Off
0
C
0
0010
Off
Off
On
Off
0
0
C
TRUTH TABLE Latching
CCT-49KX4C-T
Logic Input
RF Path
Indicator
Switches
1234
R
J1
J2
J3
J4
Reset
E
F
G
H
10000
On
Off
Off
Off
Off
C
000
01000
Off
On
Off
Off
Off
0
C
00
00100
Off
Off
On
Off
Off
0
0
C
0
00010
Off
Off
Off
On
Off
0
0
0
C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com