Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCT-49K630-R Datasheet(PDF) 6 Page - Teledyne Technologies Incorporated

Part # CCT-49K630-R
Description  Latching Multi-Throw Coaxial Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCT-49K630-R Datasheet(HTML) 6 Page - Teledyne Technologies Incorporated

Back Button CCT-49K630-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CCT-49K630-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CCT-49K630-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CCT-49K630-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCT-49K630-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCT-49K630-R Datasheet HTML 7Page - Teledyne Technologies Incorporated CCT-49K630-R Datasheet HTML 8Page - Teledyne Technologies Incorporated CCT-49K630-R Datasheet HTML 9Page - Teledyne Technologies Incorporated CCT-49K630-R Datasheet HTML 10Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CCT-49K/CT-49K Page 6
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2016 TELEDYNE COAX SWITCHES
CCT-49K\CT-49K\072016\Q3
Series CCT-49K/CT-49K
Internal 50Ω Termination DC-40 GHz
Latching Multi-Throw Coaxial Switch
COAX SWITCHES
TRUTH TABLE Latching
CCT-49KX6C-TD
Logic Input
RF Path
Indicator Switches
1
2
3
J1
J2
J3
J4
J5
J6
Reset
E
F
G
H
K
L
000
On
Off
Off
Off
Off
Off
Off
C
00000
100
Off
On
Off
Off
Off
Off
Off
0
C
0000
010
Off
Off
On
Off
Off
Off
Off
0
0
C
000
1
1
0
Off
Off
Off
On
Off
Off
Off
0
0
0
C
00
0
0
1
Off
Off
Off
Off
On
Off
Off
0000
C
0
1
0
1
Off
Off
Off
Off
Off
On
Off
0
0000
C
0
1
1
Off
Off
Off
Off
Off
Off
Reset
0
00000
1
1
1
COIL OFF
0
00000
TRUTH TABLE Latching
CCT-49KX5C-TD
Logic Input
RF Path
Indicator Switches
1
2
3
J1
J2
J3
J4
J5
Reset
E
F
G
H
K
000
On
Off
Off
Off
Off
Off
C
0000
100
Off
On
Off
Off
Off
Off
0
C
000
010
Off
Off
On
Off
Off
Off
0
0
C
00
1
1
0
Off
Off
Off
On
Off
Off
000
C
0
0
0
1
Off
Off
Off
Off
On
Off
0000
C
0
1
1
Off
Off
Off
Off
Off
Reset
0
0
0
0
0
1
1
1
COIL OFF
00000
TRUTH TABLE Latching
CCT-49KX5C-T
Logic Input
RF Path
Indicator Switches
12345
R
J1
J2
J3
J4
J5
Reset
E
F
G
H
K
100000
On
Off
Off
Off
Off
Off
C
0000
010000
Off
On
Off
Off
Off
Off
0
C
000
001000
Off
Off
On
Off
Off
Off
0
0
C
00
000100
Off
Off
Off
On
Off
Off
0
0
0
C
0
000010
Off
Off
Off
Off
On
Off
0
0
0
0
C
TRUTH TABLE Latching
CCT-49KX6C-T
Logic Input
RF Path
Indicator Switches
123456
R
J1
J2
J3
J4
J5
J6
Reset
E
F
G
H
K
L
1000000
On
Off
Off
Off
Off
Off
Off
C
00000
0100000
Off
On
Off
Off
Off
Off
Off
0
C
0000
0010000
Off
Off
On
Off
Off
Off
Off
0
0
C
000
0001000
Off
Off
Off
On
Off
Off
Off
0
0
0
C
00
0000100
Off
Off
Off
Off
On
Off
Off
0000
C
0
0000010
Off
Off
Off
Off
Off
On
Off
00000
C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com