Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F166 Datasheet (PDF) - STMicroelectronics

ST10F166 Datasheet PDF - STMicroelectronics
Part # ST10F166
Download  ST10F166 Download
File Size   515.93 Kbytes
Page   62 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16-BIT MCU WITH 256K FLASH MEMORY

ST10F166 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST10F166 Datasheet PDF - STMicroelectronics

Part # ST10F166
Download  ST10F166 Click to download

File Size   515.93 Kbytes
Page   62 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16-BIT MCU WITH 256K FLASH MEMORY

ST10F166 Datasheet (HTML) - STMicroelectronics


ST10F166 Product details

INTRODUCTION
The ST10F166 is the FLASH memory members of the ST10 family of microcontrollers developed and produced by SGS-THOMSON Microelectronics in CMOS technology. they combine high CPU performance (up to 10 million instructions per second) with high peripheral functionality, enhanced IO-capabilities and an on-chip reprogrammable 32 KByte Flash Memory.

■ High Performance 16-bit CPU with 4-Stage Pipeline
■ 100 ns Instruction Cycle Time at 20 MHz CPU Clock
■ 500 ns Multiplication (16 × 16 bit), 1 µs Division (32 / 16 bit)
■ Enhanced Boolean Bit Manipulation Facilities
■ Register-Based Design with Multiple Variable Register Banks
■ Single-Cycle Context Switching Support
■ Up to 256 KBytes Linear Address Space for Code and Data
■ 1 KByte On-Chip RAM
■ 32 KBytes On-Chip Flash EPROM with Bank Erase Feature
■ Protection-Optional Flash Memory
■ Dedicated Flash Control Register with Operation Lock Mechanism
■ 12 V External Flash Programming Voltage
■ Flash Program Verify and Erase Verify Modes
■ 1000 Flash Program/Erase Cycles guaranteed
■ Programmable External Bus Characteristics for Different Address Ranges
■ 8-Bit or 16-Bit External Data Bus
■ Multiplexed or Demultiplexed External Address/ Data Buses
■ Hold and Hold-Acknowledge Bus Arbitration Support
■ 512 Bytes On-Chip Special Function Register Area
■ Idle and Power Down Modes
■ 8-Channel Interrupt-Driven Single-Cycle Data Transfer Facilities via Peripheral Event Controller (PEC)
■ 16-Priority-Level Interrupt System
■ 10-Channel 10-bit A/D Converter with 9.7 µs Conversion Time (ST10F166)
■ 16-Channel Capture/Compare Unit
■ Two Multi-Functional General Purpose Timer Units with 5 Timers
■ Two Serial Channels (USARTs)
■ Programmable Watchdog Timer
■ Up to 76 General Purpose I/O Lines
■ Supported by a Wealth of Development Tools like C-Compilers, Macro-Assembler Packages, Emulators, Evaluation Boards, HLL-Debuggers, Simulators, Logic Analyzer Disassemblers, Programming Boards
■ On-Chip Bootstrap Loader
■ 100-Pin Plastic PQFP Package




Similar Part No. - ST10F166

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F163 STMICROELECTRONICS-ST10F163 Datasheet
368Kb / 58P
16-BIT MCU WITH 128KBYTE FLASH MEMORY
Apr-1999
ST10F167 STMICROELECTRONICS-ST10F167 Datasheet
549Kb / 69P
16-BIT MCU WITH 128K BYTE FLASH MEMORY
May-1997
ST10F168 STMICROELECTRONICS-ST10F168 Datasheet
897Kb / 74P
16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
Jan-2002
ST10F168-Q3 STMICROELECTRONICS-ST10F168-Q3 Datasheet
897Kb / 74P
16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
Jan-2002
ST10F168-Q6 STMICROELECTRONICS-ST10F168-Q6 Datasheet
897Kb / 74P
16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
Jan-2002
More results


Similar Description - ST10F166

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F163 STMICROELECTRONICS-ST10F163 Datasheet
368Kb / 58P
16-BIT MCU WITH 128KBYTE FLASH MEMORY
Apr-1999
ST10F167 STMICROELECTRONICS-ST10F167 Datasheet
549Kb / 69P
16-BIT MCU WITH 128K BYTE FLASH MEMORY
May-1997
ST10F168 STMICROELECTRONICS-ST10F168 Datasheet
897Kb / 74P
16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
Jan-2002
ST10F269 STMICROELECTRONICS-ST10F269 Datasheet
1Mb / 160P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Jun-2002
ST10F269Z2QX STMICROELECTRONICS-ST10F269Z2QX Datasheet
1Mb / 161P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Aug-2002
ST10F269-T3 STMICROELECTRONICS-ST10F269-T3 Datasheet
1Mb / 160P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Mar-2003
ST10F269ZX STMICROELECTRONICS-ST10F269ZX Datasheet
3Mb / 184P
16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Sep-2003
ST10F273E STMICROELECTRONICS-ST10F273E Datasheet
1Mb / 179P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
11-May-2006
ST7FOXA0 STMICROELECTRONICS-ST7FOXA0 Datasheet
1Mb / 123P
8-bit MCU with single voltage Flash memory
04-Feb-2008
logo
Generalplus Technology ...
GPCE001A GENERALPLUS-GPCE001A Datasheet
643Kb / 25P
16-bit Sound Controller with 256K x 16 Flash Memory
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com