Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F166 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST10F166 Datasheet HTML 4Page - STMicroelectronics ST10F166 Datasheet HTML 5Page - STMicroelectronics ST10F166 Datasheet HTML 6Page - STMicroelectronics ST10F166 Datasheet HTML 7Page - STMicroelectronics ST10F166 Datasheet HTML 8Page - STMicroelectronics ST10F166 Datasheet HTML 9Page - STMicroelectronics ST10F166 Datasheet HTML 10Page - STMicroelectronics ST10F166 Datasheet HTML 11Page - STMicroelectronics ST10F166 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
8/62
ST10F166
2 MEMORY ORGANIZATION
The memory space of the ST10F166 is configured in a Von Neumann architecture
which means that code memory, data memory, registers and I/O ports are organized
within the same linear address space which currently includes 256 Kbytes. The en-
tire memory space can be accessed bytewise or wordwise. Particular portions of the
on-chip memory have additionally been made directly bit addressable.
The ST10F166 contains 32 Kbytes of FLASH EPROM for code or constant data,
mapped in segment 0 or in segment 1 by software.
A large dual port RAM of 1 Kbyte is provided as a storage for user defined variables,
for the system stack, general purpose register banks and even for code. A register
bank can consist of up to 16 wordwide (R0 to R15) and/or bytewide (RL0, RH0, . . .,
RL7, RH7) called General Purpose Registers (GPRs).
512 bytes of the address space are reserved for the Special Function Register (SFR)
area. SFRs are registers which are used for controlling and monitoring functions of
the different on-chip units. 118 SFRs are currently implemented. Unused SFR ad-
dresses are reserved for future members of the ST10 Family.
In order to meet the needs of designs where more memory is required than is provid-
ed on chip, up to 256 Kbytes of external RAM and/or ROM can be connected to the
microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com