Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F166 Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST10F166 Datasheet HTML 34Page - STMicroelectronics ST10F166 Datasheet HTML 35Page - STMicroelectronics ST10F166 Datasheet HTML 36Page - STMicroelectronics ST10F166 Datasheet HTML 37Page - STMicroelectronics ST10F166 Datasheet HTML 38Page - STMicroelectronics ST10F166 Datasheet HTML 39Page - STMicroelectronics ST10F166 Datasheet HTML 40Page - STMicroelectronics ST10F166 Datasheet HTML 41Page - STMicroelectronics ST10F166 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 62 page
background image
38/62
ST10F166
18.3 DC Characteristics
V
CC =5 V
± 10 %;
V
SS = 0 V;
fCPU =20MHz
T
A = 0 to +70
°C
for ST10F166/166-16
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
max.
Input low voltage EBC1/VPP
V
IL1
SR
– 0.3
0.2 VCC
– 0.1
V–
Input low voltage
(all except EBC1/VPP)
V
IL2
SR
– 0.5
0.2 V
CC
– 0.1
V–
Input high voltage
(all except RSTIN and XTAL1)
V
IH
SR
0.2 V
CC
+ 0.9
V
CC + 0.5
V
Input high voltage RSTIN
V
IH1
SR
0.6 V
CC
V
CC + 0.5
V
Input high voltage XTAL1
V
IH2
SR
0.7 V
CC
V
CC + 0.5
V
Output low voltage
(Port 0, Port 1, Port 4, ALE, RD,
WR, BHE, CLKOUT, RSTOUT)
V
OL
CC
0.45
V
I
OL = 2.4 mA
Output low voltage
(all other outputs)
V
OL1
CC
0.45
V
I
OL1 = 1.6 mA
Output high voltage
(Port 0, Port 1, Port 4, ALE, RD,
WR, BHE, CLKOUT, RSTOUT)
V
OH
CC
0.9 V
CC
2.4
V
V
I
OH =– 500 µA
I
OH =– 2.4mA
Output high voltage
(all other outputs)
V
OH1
CC
0.9 V
CC
2.4
V
V
I
OH =– 250 µA
I
OH =– 1.6mA
Input leakage current (Port 5) 1)
I
OZ1
CC
±5008)
nA
0 V < V
IN <VCC
Input leakage current (all other)
I
OZ2
CC
±18)
µA0 V < V
IN <VCC
VPP leakage current EBC1/VPP
I
PPS
CC
±100
µA0 ≤ V
PP ≤ VCC
RSTIN
pullup resistor
6)
R
RST
CC
50
150
k
Read inactive current 5)
I
RH
3)
-40
µAV
OUT =VOHmin
Read active current
5)
I
RL
4)
-500
µAV
OUT =VOLmax
ALE inactive current 5)
I
ALEL
3)
–150
µAV
OUT =VOLmax
ALE active current 5)
I
ALEH
4)
2100
µAV
OUT =VOHmin
XTAL1 input current
I
IL
CC
±20
µA0 V < V
IN <VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com