Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F166 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST10F166 Datasheet HTML 24Page - STMicroelectronics ST10F166 Datasheet HTML 25Page - STMicroelectronics ST10F166 Datasheet HTML 26Page - STMicroelectronics ST10F166 Datasheet HTML 27Page - STMicroelectronics ST10F166 Datasheet HTML 28Page - STMicroelectronics ST10F166 Datasheet HTML 29Page - STMicroelectronics ST10F166 Datasheet HTML 30Page - STMicroelectronics ST10F166 Datasheet HTML 31Page - STMicroelectronics ST10F166 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
28/62
ST10F166
15 SOFTWARE DESCRIPTION
Addressing Modes
The ST10F166 offers different powerful addressing modes to facilitate rapid access
on word, byte and bit data, or to specify the destination address of a branch instruc-
tion. The addressing modes are subdivided in six different categories as follows.
Short addressing modes: an implicit base offset address is used to specify a phys-
ical 18-bit address.
EA = Base Address + k Short Address.
k= 1 or2
EA = Effective Address
This mode allows direct access to any GPR or SFR and any word in the bit-address-
able memory space. (in case of a byte operation on an SFR, only the low byte can be
accessed via ‘reg’).
Long addressing modes: one of the four DPP registers, selected by bit 15 and 14 of
the 16-bit address, is used to specify a physical 18-bit address.
EA = Contents of DPPi + Page Offset Address
i: specified by bit 15, 14 of the 16 bit address.
Page Offset Address: bit 13 to 0 of the 16 bit address.
In this mode, any word or byte data within the entire memory space can be accessed
directly . Word accesses may not be performed on odd byte addresses, otherwise a
hardware trap will occur.
Indirect addressing modes: a 16-bit long address is specified indirectly by the con-
tents of a word GPR which is specified directly by a short address. Any word GPR can
be used, except for arithmetic, logical and compare instructions, where only R0 to R3
are allowed. There are also certain modes which allow decrementing or incrementing
the indirect address pointers by a data-type-dependent value.
Long Address = [GPR Address] + Constant
EA = Contents of DPPi + Page Offset Address
i: specified by bit 15, 14 of the Long Address.
Page Offset Address: bit 13 to 0 of the long address
Long Address Long Address
bit15,14 specify i bit 13 to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com