Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F166 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST10F166 Datasheet HTML 30Page - STMicroelectronics ST10F166 Datasheet HTML 31Page - STMicroelectronics ST10F166 Datasheet HTML 32Page - STMicroelectronics ST10F166 Datasheet HTML 33Page - STMicroelectronics ST10F166 Datasheet HTML 34Page - STMicroelectronics ST10F166 Datasheet HTML 35Page - STMicroelectronics ST10F166 Datasheet HTML 36Page - STMicroelectronics ST10F166 Datasheet HTML 37Page - STMicroelectronics ST10F166 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
34/62
ST10F166
CC9
FE92h
49h
CAPCOM Register 9
0000h
CC9IC
b
FF8Ah
C5h
CAPCOM Register 9 Interrupt Control Register
0000h
CC10
FE94h
4Ah
CAPCOM Register 10
0000h
CC10IC
b
FF8Ch
C6h
CAPCOM Register 10 Interrupt Control Register
0000h
CC11
FE96h
4Bh
CAPCOM Register 11
0000h
CC11IC
b
FF8Eh
C7h
CAPCOM Register 11 Interrupt Control Register
0000h
CC12
FE98h
4Ch
CAPCOM Register 12
0000h
CC12IC
b
FF90h
C8h
CAPCOM Register 12 Interrupt Control Register
0000h
CC13
FE9Ah
4Dh
CAPCOM Register 13
0000h
CC13IC
b
FF92h
C9h
CAPCOM Register 13 Interrupt Control Register
0000h
CC14
FE9Ch
4Eh
CAPCOM Register 14
0000h
CC14IC
b
FF94h
CAh
CAPCOM Register 14 Interrupt Control Register
0000h
CC15
FE9Eh
4Fh
CAPCOM Register 15
0000h
CC15IC
b
FF96h
CBh
CAPCOM Register 15 Interrupt Control Register
0000h
CCM0
b
FF52h
A9h
CAPCOM Mode Control Register 0
0000h
CCM
b
FF54h
AAh
CAPCOM Mode Control Register 1
0000h
CCM2
b
FF56h
ABh
CAPCOM Mode Control Register 2
0000h
CCM3
b
FF58h
ACh
CAPCOM Mode Control Register 3
0000h
CP
FE10h
08h
CPU Context Pointer Register
FC00h
CRIC
b
FF6Ah
B5h
GPT2 CAPREL Interrupt Control Register
0000h
CSP
FE08h
04h
CPU Code Segment Pointer Register (2 bits, read
only)
0000h
DP0
b
FF02h
81h
Port 0 Direction Control Register
0000h
DP1
b
FF06h
83h
Port 1 Direction Control Register
0000h
DP2
b
FFC2h
E1h
Port 2 Direction Control Register
0000h
DP3
b
FFC6h
E3h
Port 3 Direction Control Register
0000h
DP4
b
FF0Ah
85h
Port 4 Direction Control Register (2 bits)
0000h
DPP0
FE00h
00h
CPU Data Page Pointer 0 Register (4 bits)
0000h
DPP1
FE02h
01h
CPU Data Page Pointer 1 Register (4 bits)
0001h
DPP2
FE04h
02h
CPU Data Page Pointer 2 Register (4 bits)
0002h
DPP3
FE06h
03h
CPU Data Page Pointer 3 Register (4 bits)
0003h
MDC
b
FF0Eh
87h
CPU Multiply Divide Control Register
0000h
MDH
FE0Ch
06h
CPU Multiply Divide Register – High Word
0000h
MDL
FE0Eh
07h
CPU Multiply Divide Register – Low Word
0000h
ONES
FF1Eh
8Fh
Constand Value 1’s Register (read only)
FFFFh
P0
b
FF00h
80h
Port 0 Register
0000h
Name
Physical
Address
8-Bit
Address
Description
Reset
Value
Special Function Register Overview (Cont’d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com