Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F166 Datasheet(PDF) 54 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ST10F166 Datasheet HTML 50Page - STMicroelectronics ST10F166 Datasheet HTML 51Page - STMicroelectronics ST10F166 Datasheet HTML 52Page - STMicroelectronics ST10F166 Datasheet HTML 53Page - STMicroelectronics ST10F166 Datasheet HTML 54Page - STMicroelectronics ST10F166 Datasheet HTML 55Page - STMicroelectronics ST10F166 Datasheet HTML 56Page - STMicroelectronics ST10F166 Datasheet HTML 57Page - STMicroelectronics ST10F166 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 62 page
background image
54/62
ST10F166
AC Characteristics (Cont’d)
Figure 20. Ext. Mem. Cycle: Demultiplexed Bus, With Read/Write Delay, Extended ALE
Data Out
Data In
Address
ALE
A17-A16
A15-A0
BHE
Read Cycle
RD
Write Cycle
t
5
t
16
t
17
t
6
t
26
t
28
t
18
t
20
t
14
t
12
t
22
t
24
t
12
t
8
t
8
BUS
(D15-D8)
D7-D0
BUS
(D15-D8)
D7-D0
WR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com