Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F166 Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST10F166 Datasheet HTML 54Page - STMicroelectronics ST10F166 Datasheet HTML 55Page - STMicroelectronics ST10F166 Datasheet HTML 56Page - STMicroelectronics ST10F166 Datasheet HTML 57Page - STMicroelectronics ST10F166 Datasheet HTML 58Page - STMicroelectronics ST10F166 Datasheet HTML 59Page - STMicroelectronics ST10F166 Datasheet HTML 60Page - STMicroelectronics ST10F166 Datasheet HTML 61Page - STMicroelectronics ST10F166 Datasheet HTML 62Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 62 / 62 page
background image
62/62
ST10F166
19 GENERAL INFORMATION
Figure 26. Package Outline PQFP100 (14 x 20 mm)
Table 8. Ordering Information
Information furnished is believed to be accurate and reliable. However, SGS-TH OMSON Microelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No
license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specification mentioned
in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied.
SGS-THOMSON Microelectronics products are not authorized for use as criti cal components in life support devices or systems without
express written approval of SGS-THO MSON Microelectronics.
©1996 SGS-THOMSON Microelectronics -Printed in Italy - All Rights Reserved.
SGS-THO MSON Microelectronics GROUP OF COMPANIE S
Australia - Brazil - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands - Singapore
- Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
Dim
mm
inches
Min
Typ
Max
Min
Typ
Max
A
3.40
0.134
A2
2.55
2.80
3.05
0.100
0.110
0.120
D
22.95
23.20
23.45
0.931
0.913
0.923
D1
19.90
20.00
20.10
0.783
0.787
0.791
D3
18.85
0.742
E
16.95
17.20
17.45
0.695
0.667
0.687
E1
13.90
14.00
14.10
0.547
0.551
0.555
E3
12.35
0.486
e
0.65
0.026
Number of Pins
ND
30
NE
20
N
100
Type
Package
Function
ST10F166BQ1
PQFP-100
16-bit microcontroller, 0
°Cto +70 °C,
1 KByte RAM, 32 KByte Flash EPROM
ST10F166BQ1-16
16-bit microcontroller, 0
°Cto +70°C, w/o Prescaler,
1 KByte RAM, 32 KByte Flash EPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com