Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F166 Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST10F166 Datasheet HTML 22Page - STMicroelectronics ST10F166 Datasheet HTML 23Page - STMicroelectronics ST10F166 Datasheet HTML 24Page - STMicroelectronics ST10F166 Datasheet HTML 25Page - STMicroelectronics ST10F166 Datasheet HTML 26Page - STMicroelectronics ST10F166 Datasheet HTML 27Page - STMicroelectronics ST10F166 Datasheet HTML 28Page - STMicroelectronics ST10F166 Datasheet HTML 29Page - STMicroelectronics ST10F166 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
26/62
ST10F166
G.P.T. (Cont’d)
In addition to their basic operating modes, timers T2 and T4 may be configured as re-
load or capture registers for timer T3. When used as capture or reload registers, tim-
ers T2 and T4 are stopped. The contents of timer T3 are captured into T2 or T4 in re-
sponse to a signal at their associated input pins (T2IN, T4IN). Timer T3 is reloaded
with the contents of T2 or T4 either by an external signal or by a selectable state tran-
sition of its toggle latch T3OTL. When both T2 and T4 are configured to alternately re-
load T3 on opposite state transitions of T3OTL with the low and high times of a PWM
signal, this signal can be constantly generated without software intervention.
With its maximum resolution of 200 ns (@fosc = 40 MHz), the GPT2 module provides
precise event control and time measurement. It includes two timers (T5, T6) and a
capture/reload register (CAPREL). Both timers can independently count up or down,
clocked with an input clock which is derived from a programmable prescaler.
Concatenation of the timers is supported via the output toggle latch (T6OTL) of timer
T6, which changes its state on each timer overflow/underflow.
The state of this latch may be used to clock timer T5, or it may be output on a port pin
(T6OUT). The overflows/underflows of timer T6 can additionally be used to clock the
CAPCOM timers T0 or T1, and to cause a reload from the CAPREL register. The
CAPREL register may capture the contents of timer T5 based on an external signal
transition on the corresponding port pin (CAPIN), and timer T5 may optionally be
cleared after the same signal transition. This allows absolute time differences to be
measured or pulse multiplication to be performed without software overhead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com