Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F166 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST10F166 Datasheet HTML 17Page - STMicroelectronics ST10F166 Datasheet HTML 18Page - STMicroelectronics ST10F166 Datasheet HTML 19Page - STMicroelectronics ST10F166 Datasheet HTML 20Page - STMicroelectronics ST10F166 Datasheet HTML 21Page - STMicroelectronics ST10F166 Datasheet HTML 22Page - STMicroelectronics ST10F166 Datasheet HTML 23Page - STMicroelectronics ST10F166 Datasheet HTML 24Page - STMicroelectronics ST10F166 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
ST10F166
21/62
10 SERIAL CHANNELS
Serial communication with other microcontrollers, processors, terminals, or external
peripheral components is provided by two serial interfaces with identical functionality,
Serial Channel 0 (ASC0) and Serial Channel 1 (ASC1).
They support full-duplex asynchronous communication up to 625 Kbaud and half-du-
plex synchronous communication up to 2.5 Mbaud.
Two dedicated baud rate generators allow to set up all standard baud rates without
oscillator tuning. For transmission, reception, and erroneous reception 3 separate in-
terrupt vectors are provided for each serial channel.
In the synchronous mode, one data byte is transmitted or received synchronously to
a shift clock which is generated by the ST10F166. In the asynchronous mode, an 8-
or 9-bit data frame is transmitted or received, preceded by a start bit and terminated
by one or two stop bits. For multiprocessor communication, a mechanism to distin-
guish address from data bytes has been included (8-bit data + wake up bit mode),
and a loop back option is available for testing purposes.
A number of optional hardware error detection capabilities has been included to in-
crease the reliability of data transfers. A parity bit can automatically be generated on
transmission or be checked on reception. Framing error detection allows to recognize
data frames with missing stop bits. An overrun error will be generated if the last char-
acter received has not been read out of the receive buffer register at the time the re-
ception of a new character is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com