Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F166 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST10F166 Datasheet HTML 5Page - STMicroelectronics ST10F166 Datasheet HTML 6Page - STMicroelectronics ST10F166 Datasheet HTML 7Page - STMicroelectronics ST10F166 Datasheet HTML 8Page - STMicroelectronics ST10F166 Datasheet HTML 9Page - STMicroelectronics ST10F166 Datasheet HTML 10Page - STMicroelectronics ST10F166 Datasheet HTML 11Page - STMicroelectronics ST10F166 Datasheet HTML 12Page - STMicroelectronics ST10F166 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
ST10F166
9/62
3 EXTERNAL BUS CONTROLLER
All external memory accesses are performed by the on-chip External Bus Controller
(EBC). During Reset, it can be programmed to either the Single Chip Mode when no
external memory is required, or to one of four different external memory access
modes, which are as follow:
16/18 bit Addresses, 8 bit Data, Demultiplexed
16/18 bit Addresses, 8 bit Data, Multiplexed
16/18 bit Addresses, 16 bit Data, Demultiplexed
16/18 bit Addresses, 16 bit Data, Multiplexed
In the demultiplexed bus mode, Port 1 is used as an output for addresses and Port 0
is used as an input/output for data. In the multiplexed bus modes, one of the two 16
bit ports, Port 0, is used as an input/output for both addresses and data.
For applications which require less than 64 Kbytes of memory space, a non-segment-
ed memory model can be selected. During the initialization phase, the bus configura-
tion and mapping of the Flash Memory to segment 1 may be programmed. After the
EINIT instruction, only the external bus configuration can be changed at any time.
In this case,all memory locations can be addressed by 16 bits, and thus port 4 is not
needed as an output for the two significant address biss (A17 and A16, as is the case
when using the segmented memory model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com