Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F166 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST10F166 Datasheet HTML 7Page - STMicroelectronics ST10F166 Datasheet HTML 8Page - STMicroelectronics ST10F166 Datasheet HTML 9Page - STMicroelectronics ST10F166 Datasheet HTML 10Page - STMicroelectronics ST10F166 Datasheet HTML 11Page - STMicroelectronics ST10F166 Datasheet HTML 12Page - STMicroelectronics ST10F166 Datasheet HTML 13Page - STMicroelectronics ST10F166 Datasheet HTML 14Page - STMicroelectronics ST10F166 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
ST10F166
11/62
4 FLASH MEMORY
The ST10F166 provides, in addition to the RAM, 32 k bytes of Electrically Erasable
and reprogram-mable non-volatile (FLASH) memory. This memory is organised as
8K x 32 bit allowing a complete instruction to be read during one instruction fetch cy-
cle. Data values stored can be read as 16 bit operands using all addressing modes of
ST10F166 instruction set.
The FLASH memory is located in segment 0 (0 to 07FFFh) during reset, and thus
contains the reset and interrupt vectors. To provide full flexibility in the use of the
ST10F166, the FLASH memory may be remapped to segment ~ ( 0000 to 17FFFh)
during initialization. This allows the interrupt vector to be programmed from external
memory, while retaining the common routines and constants programmed into the
FLASH memory.
For ease of program updating, the FLASH memory is organised into 4 banks, each of
which may be independently Erased.
Table 2. FLASH memory Bank Organisation
Bank
Addresses
(Segment 0)
Size
(bytes)
0
1
2
3
00000h to 02FFFh
03000h to 05FFFh
06000h to 077FFh
07800h to 07FFFh
12K
12K
6K
2K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com