Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F166 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 5 Page - STMicroelectronics

  ST10F166 Datasheet HTML 1Page - STMicroelectronics ST10F166 Datasheet HTML 2Page - STMicroelectronics ST10F166 Datasheet HTML 3Page - STMicroelectronics ST10F166 Datasheet HTML 4Page - STMicroelectronics ST10F166 Datasheet HTML 5Page - STMicroelectronics ST10F166 Datasheet HTML 6Page - STMicroelectronics ST10F166 Datasheet HTML 7Page - STMicroelectronics ST10F166 Datasheet HTML 8Page - STMicroelectronics ST10F166 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
ST10F166
5/62
Table 1. Pin Definition and Function
Symbol
Pin
Number
Input (I)
Output (O)
Function
P4.0 –
P4.1
16 - 17
16
17
I/O
O
O
Port 4 is a 2-bit bidirectional I/O port. It is bit-wise programmable
for input or output via direction bits. For a pin configured as input,
the output driver is put into high-impedance state.
In case of an external bus configuration, Port 4 can be used to
output the segment address lines:
P4.0A16Least Significant Segment Addr. Line
P4.1A17Most Significant Segment Addr. Line
XTAL1
XTAL2
20
19
I
O
XTAL1:Input to the oscillator amplifier and input to the internal
clock generator
XTAL2:Output of the oscillator amplifier circuit.
To clock the device from an external source, drive XTAL1, while
leaving XTAL2 unconnected. Minimum and maximum high/low
and rise/fall times specified in the AC Characteristics must be ob-
served.
BUSACT,
EBC1,
EBC0
VPP
22
23
24
23
I
I
I
External Bus Configuration selection inputs. These pins are sam-
pled during reset and select either the single chip mode or one of
the four external bus configurations:
BUSACTEBC1EBC0Mode/Bus Configuration
00
0
8-bit demultiplexed bus
00
1
8-bit multiplexed bus
01
0
16-bit muliplexed bus
01
1
16-bit demultiplexed bus
10
0
Single chip mode
10
1
Reserved.
11
0
Reserved.
11
1
Reserved.
After reset pin EBC1 accepts the programming voltage for the
Flash Memory as an “alternate function”:
Flash Memory Programming Voltage VPP =12 V.
RSTIN
27
I
Reset Input with Schmitt-Trigger characteristics. A low level at
this pin for a specified duration while the oscillator is running re-
sets the ST10R165. An internal pullup resistor permits power-on
reset using only a capacitor connected to V
SS.
RSTOUT
28
O
Internal Reset Indication Output. This pin is set to a low level
when the part is executing either a hardware-, a software- or a
watchdog timer reset. RSTOUT remains low until the EINIT (end of
initialization) instruction is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com