Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F166 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST10F166 Datasheet HTML 33Page - STMicroelectronics ST10F166 Datasheet HTML 34Page - STMicroelectronics ST10F166 Datasheet HTML 35Page - STMicroelectronics ST10F166 Datasheet HTML 36Page - STMicroelectronics ST10F166 Datasheet HTML 37Page - STMicroelectronics ST10F166 Datasheet HTML 38Page - STMicroelectronics ST10F166 Datasheet HTML 39Page - STMicroelectronics ST10F166 Datasheet HTML 40Page - STMicroelectronics ST10F166 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 62 page
background image
ST10F166
37/62
18 ELECTRICAL CHARACTERISTICS
18.1 Absolute Maximum Ratings
Ambient temperature under bias (T
A):... . . ... ... .. .... ... . . . . ... 0 to +70 °C
Storage temperature (T
ST) ... . . ... .. ... ... ... ... ... .... . . . . – 65 to+125
°C
Voltage on V
CC pins with respect to ground (VSS) . . ... ... ... ... . ..–0.5 to+6.5 V
Voltage on any pin with respect to ground (V
SS) ... .. ... .... .
–0.3 to V
CC +0.3
V
Input current on any pin during overload condition . . . . . . . . . . . . . . -10 to +10 mA.
Absolute sum of all input currents during overload condition . .... ... ... .100 mA.
Power dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.5 W
Flash programming voltage (V
PP) . . ... ... ..... ... . ... ... ... . – 0.3 to+ 13.5 V
Note: Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. During overload condi-
tions (VIN>VCC or VIN<VSS) the voltage on pins with respect to ground (VSS) must not
exceed the values defined by the Absolute Maximum Ratings.
18.2 Parameter Interpretation
The parameters listed in the following partly represent the characteristics of the
ST10R165 and partly its demands on the system. To aid in interpreting the parame-
ters right, when evaluating them for a design, they are marked in column “Symbol”:
CC (Controller Characteristics):
The logic of the ST10R165 will provide signals with the respective timing characteris-
tics.
SR (System Requirement):
The external system must provide signals with the respective timing characteristics to
the ST10R165.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com