Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F166 Datasheet(PDF) 57 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST10F166 Datasheet HTML 53Page - STMicroelectronics ST10F166 Datasheet HTML 54Page - STMicroelectronics ST10F166 Datasheet HTML 55Page - STMicroelectronics ST10F166 Datasheet HTML 56Page - STMicroelectronics ST10F166 Datasheet HTML 57Page - STMicroelectronics ST10F166 Datasheet HTML 58Page - STMicroelectronics ST10F166 Datasheet HTML 59Page - STMicroelectronics ST10F166 Datasheet HTML 60Page - STMicroelectronics ST10F166 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 62 page
background image
ST10F166
57/62
AC Characteristics (Cont’d)
CLKOUT and READY for ST10F166,
V
CC =5 V
± 10 %;
V
SS =0V
T
A = 0 to +70
°C
C
L (for Port 0, Port 1, Port 4, ALE, RD, WR, BHE, CLKOUT) = 100 pF
Notes:
1) These timings are given for test purposes only, in order to assure recognition at a specific clock edge.
2) Demultiplexed bus is the worst case. For multiplexed bus 2TCL are to be added to the maximum values.
This adds even more time for deactivating READY.
Parameter
Symbol
Max. CPU Clock
= 20 MHz
Variable CPU Clock
1/2TCL = 1 to 20 MHz
Unit
min.
max.
min.
max.
CLKOUT cycle time
t
29
CC
50
50
2TCL
2TCL
ns
CLKOUT high time
t30CC
15
TCL – 10
ns
CLKOUT low time
t31CC
15
TCL – 10
ns
CLKOUT rise time
t
32
CC
5
5
ns
CLKOUT fall time
t
33
CC
5
5
ns
CLKOUT rising edge to
ALE falling edge
t
34
CC
0 + t
A
10 + t
A
0+ t
A
10 + t
A
ns
Synchronous READY
setup time to CLKOUT
t
35
SR
10
10
ns
Synchronous READY
hold time after CLKOUT
t
36
SR
10
10
ns
Asynchronous READY
low time
t
37
SR
65
2TCL + 15
ns
Asynchronous READY
setup time 1)
t58SR
20
20
ns
Asynchronous READY
hold time 1)
t59SR
0
0
ns
Async. READY hold time
after RD, WR high (Demul-
tiplexed Bus)
2)
t60SR
0
0
+2t
A +tF
2)
0
TCL - 25
+2t
A +tF
2)
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com