Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7047 Datasheet (PDF) - Anpec Electronics Coropration

APW7047 Datasheet PDF - Anpec Electronics Coropration
Part # APW7047
Download  APW7047 Download
File Size   154.39 Kbytes
Page   12 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Dual Advanced PWM and Source-Sink Linear Controller

APW7047 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7047 Datasheet PDF - Anpec Electronics Coropration

Part # APW7047
Download  APW7047 Click to download

File Size   154.39 Kbytes
Page   12 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Dual Advanced PWM and Source-Sink Linear Controller

APW7047 Datasheet (HTML) - Anpec Electronics Coropration


APW7047 Product details

General Description
The APW7047 provides the power controls and protections for three output voltages on AGP/PCI Graphic Card applications. It integrates two PWM controllers , one SOURCE-SINK linear controller, as well as the monitor and protection functions into a single package. One PWM converter (PWM1) regulates the VCORE(1.5V) for the GPU with a SYNC. buck converter. The other standard buck converter (PWM2) regulates the VMEM(2.5V) for the power of DDR memory. The SOURCE-SINK linear controller control two external MOSFETs to be a linear regulator with the capability of sourcing and sinking current. It regulates the VTT (1.25V) power for DDR Termination voltage.

Features
• 3 Regulated Voltages are provided
    − SYNC. Buck Converter for VCORE (1.15V~1.50V)
    − Standard Buck Converter for VMEM (2.40V~2.75V)
    − Linear Controller with SOURCE-SINK Regulation for VTT(1.25V)
• Simple Single-Loop Control Design
    − Voltage-Mode PWM Control
• Excellent Output Voltage Regulation
    − VCORE Output : ±2% Over Temperature
    − VMEM Output : ±2% Over Temperature
    − VTT Output : 1/2 VIN ±25mV Over Temperature Min. VIN = 1.7V
• Fast Transient Response
    − Built-in Feedback Compensation
    − Full 0% to 100% Duty Ratio
• Over-Voltage and Over-Current Fault Monitor
• Constant Frequency Operation(200kHz)
• 24 pins, SOIC Package

Applications
• M/B DDR Power Regulation
• AGP/PCI Graphics Power Regulation
• SSTL-2 Termination




Similar Part No. - APW7047

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7045 ANPEC-APW7045 Datasheet
121Kb / 12P
Advanced PWM and Linear Power Controller
APW704510KC-TR ANPEC-APW704510KC-TR Datasheet
121Kb / 12P
Advanced PWM and Linear Power Controller
APW704510KC-TU ANPEC-APW704510KC-TU Datasheet
121Kb / 12P
Advanced PWM and Linear Power Controller
APW704510NC-TR ANPEC-APW704510NC-TR Datasheet
121Kb / 12P
Advanced PWM and Linear Power Controller
APW704510NC-TU ANPEC-APW704510NC-TU Datasheet
121Kb / 12P
Advanced PWM and Linear Power Controller
More results


Similar Description - APW7047

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6020 INTERSIL-HIP6020 Datasheet
139Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
HIP6020A INTERSIL-HIP6020A Datasheet
192Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
April 1999
logo
Richtek Technology Corp...
RT9227A RICHTEK-RT9227A Datasheet
210Kb / 10P
Advanced PWM and Dual Fixed Linear Power Controller
RT9228 RICHTEK-RT9228 Datasheet
164Kb / 10P
ADVANCED PWM AND DUAL LINEAR POWER CONTROLLER
logo
Anpec Electronics Corop...
APW3007 ANPEC-APW3007 Datasheet
133Kb / 12P
Advanced Dual PWM and Dual Linear Power Controller
APW7046 ANPEC-APW7046 Datasheet
148Kb / 12P
Dual Advanced PWM and Source-Sink Linear Controller
logo
Intersil Corporation
HIP6020A INTERSIL-HIP6020A_01 Datasheet
710Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
logo
Richtek Technology Corp...
RT9227A RICHTEK-RT9227A_07 Datasheet
119Kb / 8P
Advanced PWM and Dual Fixed Linear Power Controller
logo
Renesas Technology Corp
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
HIP6020A RENESAS-HIP6020A Datasheet
860Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com