Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP747GF Datasheet (PDF) - Toshiba Semiconductor

TLP747GF Datasheet PDF - Toshiba Semiconductor
Part # TLP747GF
Download  TLP747GF Download
File Size   105.3 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaAs Ired & Photo−Thyristor

TLP747GF Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP747GF Datasheet PDF - Toshiba Semiconductor

Part # TLP747GF
Download  TLP747GF Click to download

File Size   105.3 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaAs Ired & Photo−Thyristor

TLP747GF Datasheet (HTML) - Toshiba Semiconductor


TLP747GF Product details

Office Machine Switching Power Supply

The TOSHIBA TLP747GF consists of a photo−thyristor optically coupled to a gallium arsenide infrared emitting diode in a six lead plastic DIP. All parameters are tested to the specification of TLP747G. (both condition and limits)

• Peak off−state voltage: 400V min.
• Trigger LED current: 15mA max.
• On−state current: 150mA max.
• UL recognized: UL1577, file no. E67349
• BSI approved: BS EN60065: 2002
   Certificate no. 7364
   BS EN60950-1: 2002
   Certificate no. 7365
• SEMCO approved:EN60065,EN60950-1,EN60335-1 Certificate no.302586
• Isolation voltage: 4000Vrms min.
• Option (D4) type
   VDE approved: DIN EN 60747-5-2,
                       Certificate no.40009373
   Maximum operating insulation voltage: 890, 1130VPK
   Highest permissible over voltage: 6000, 8000VPK
   (Note) When an EN 60747-5-2 approved type is needed,
   please designate the “ Option (D4) ”
• Creepage distance: 8.0mm (min.)
   Clearance: 8.0mm (min.)
   Internal creepage path: 4.0mm (min.)
   Insulation thickness: 0.5mm (min.)
• Conforming safety standards:
   DIN 57 804. VDE0804 / 1.83
   DIN IEC65 / VDE0860 / 8.81
   DIN IEC380 / VDE0806 / 8.81
   DIN IEC435 / VDE0805 / draft nov. 84
   DIN IEC601T1 / VDE0750T1 / 5.82
   BS7002: 1989 (EN60950)




Similar Part No. - TLP747GF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP747GF TOSHIBA-TLP747GF Datasheet
137Kb / 2P
GaAs Ired & Photo−Thyristor
TLP747GF TOSHIBA-TLP747GF_07 Datasheet
137Kb / 2P
GaAs Ired & Photo−Thyristor
More results


Similar Description - TLP747GF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP747JF TOSHIBA-TLP747JF Datasheet
102Kb / 2P
TOSHIBA Photocoupler GaAs Ired & Photo-Thyristor
TLP741G TOSHIBA-TLP741G Datasheet
507Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Thyristor
TLP747JF TOSHIBA-TLP747JF_07 Datasheet
127Kb / 2P
GaAs Ired & Photo−Thyristor
TLP747GF TOSHIBA-TLP747GF_07 Datasheet
137Kb / 2P
GaAs Ired & Photo−Thyristor
TLP747G TOSHIBA-TLP747G Datasheet
172Kb / 6P
GaAs Ired & Photo−Thyristor
TLP166J TOSHIBA-TLP166J Datasheet
136Kb / 4P
Photocoupler GaAs Ired Photo−Triac
TLP176G TOSHIBA-TLP176G_07 Datasheet
189Kb / 7P
Photocoupler GaAs Ired & Photo−MOSFET
TLP180 TOSHIBA-TLP180_07 Datasheet
166Kb / 8P
Photocoupler GaAs Ired & Photo−Transistor
TLP181 TOSHIBA-TLP181_07 Datasheet
173Kb / 9P
Photocoupler GaAs Ired & Photo−Transistor
TLP548J TOSHIBA-TLP548J_14 Datasheet
273Kb / 6P
TOSHIBA Photocoupler GaAs Ired and Photo-Thyristor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com