Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP747JF Datasheet (PDF) - Toshiba Semiconductor

TLP747JF Datasheet PDF - Toshiba Semiconductor
Part # TLP747JF
Download  TLP747JF Download
File Size   102.47 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaAs Ired & Photo-Thyristor

TLP747JF Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP747JF Datasheet PDF - Toshiba Semiconductor

Part # TLP747JF
Download  TLP747JF Click to download

File Size   102.47 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaAs Ired & Photo-Thyristor

TLP747JF Datasheet (HTML) - Toshiba Semiconductor


TLP747JF Product details

Office Machine Switching Power Supply



The TOSHIBA TLP747JF consists of a photo−thyristor optically coupled to a gallium arsenide infrared emitting diode in a six lead plastic DIP. All parameters are tested to the specification of TLP747J. (both condition and limits)



•  Peak off−state voltage: 600V (min.)

•  Trigger LED current: 15mA (max.)

•  On−state current: 150mA (max.)

•  UL recognized: UL1577, file No. E67349

•  BSI approved: BS EN60065: 2002,

    certificate No. 7364

    BS EN60950-1: 2002,

    certificate No. 7365

•  SEMCO approved:EN60065,EN60950-1,EN60335-1 Certificate no.302586

•  Isolation voltage: 4000Vrms (min.)

•  Option (D4) type

•  VDE approved: DIN EN 60747-5-2, certificate no. 40009373

   Maximum operating insulation voltage: 890, 1130VPK

   Highest permissible over voltage: 6000, 8000VPK

•  Creepage distance: 8.0mm (min.)

   Clearance: 8.0mm (min.)

   Internal creepage path: 4.0mm (min.)

   Insulation thickness: 0.5mm (min.)

•  Conforming safety standards: 

   DIN 57 804. VDE0804 / 1.83

   DIN IEC65 / VDE0860 / 8.81

   DIN IEC380 / VDE0806 / 8.81

   DIN IEC435 / VDE0805 / draft Nov.84

   DIN IEC601T1 / VDE0750T1 / 5.82

   BS7002: 1989 (EN60950)




Similar Part No. - TLP747JF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP747JF TOSHIBA-TLP747JF Datasheet
127Kb / 2P
GaAs Ired & Photo−Thyristor
TLP747JF TOSHIBA-TLP747JF_07 Datasheet
127Kb / 2P
GaAs Ired & Photo−Thyristor
More results


Similar Description - TLP747JF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
25-Sep-2002
TLP741G TOSHIBA-TLP741G Datasheet
507Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Thyristor
25-Sep-2002
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
25-Sep-2002
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
25-Sep-2002
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP176A TOSHIBA-TLP176A Datasheet
273Kb / 6P
TOSHIBA PHOTOCOUPLER GAAS IRED & PHOTO MOSFET
12-Mar-2003
TLP747GF TOSHIBA-TLP747GF Datasheet
105Kb / 2P
TOSHIBA Photocoupler GaAs Ired & Photo−Thyristor
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP280GB-TPF TOSHIBA-TLP280GB-TPF Datasheet
210Kb / 9P
TOSHIBA Photocoupler GaAs Ired Photo?뭈ransistor
TLP548J TOSHIBA-TLP548J_14 Datasheet
273Kb / 6P
TOSHIBA Photocoupler GaAs Ired and Photo-Thyristor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com