Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP741G Datasheet (PDF) - Toshiba Semiconductor

TLP741G Datasheet PDF - Toshiba Semiconductor
Part # TLP741G
Download  TLP741G Download
File Size   507.29 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaAs Ired & Photo-Thyristor

TLP741G Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP741G Datasheet PDF - Toshiba Semiconductor

Part # TLP741G
Download  TLP741G Click to download

File Size   507.29 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaAs Ired & Photo-Thyristor

TLP741G Datasheet (HTML) - Toshiba Semiconductor


TLP741G Product details

Office Machine

Household Use Equipment

Solid State Relay

Switching Power Supply



The TOSHIBA TLP741G consists of a photo-thyristor optically coupled to a gallium arsenide infrared emitting diode in a six lead plastic DIP package.



• Peak off−state voltage: 400V(min.)

• Trigger LED current: 10mA(max.)

• On−state current: 150mA(max.)

• UL recognized: UL1577, file no. E67349

• BSI approved: BS EN60065: 2002

Certificate no. 8877

BS EN60950-1: 2002

Certificate no. 8878

• Isolation voltage: 4000Vrms(min.)

• Option (D4) type

VDE approved: DIN EN 60747-5-2

Certificate no. 40009302

Maximum operating insulation voltage: 630VPK

Highest permissible over voltage: 6000VPK




Similar Part No. - TLP741G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP741G TOSHIBA-TLP741G Datasheet
471Kb / 6P
Household Use Equipment
TLP741G TOSHIBA-TLP741G_07 Datasheet
471Kb / 6P
Household Use Equipment
More results


Similar Description - TLP741G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP747JF TOSHIBA-TLP747JF Datasheet
102Kb / 2P
TOSHIBA Photocoupler GaAs Ired & Photo-Thyristor
25-Sep-2002
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
25-Sep-2002
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
25-Sep-2002
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
25-Sep-2002
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP176A TOSHIBA-TLP176A Datasheet
273Kb / 6P
TOSHIBA PHOTOCOUPLER GAAS IRED & PHOTO MOSFET
12-Mar-2003
TLP747GF TOSHIBA-TLP747GF Datasheet
105Kb / 2P
TOSHIBA Photocoupler GaAs Ired & Photo−Thyristor
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP280GB-TPF TOSHIBA-TLP280GB-TPF Datasheet
210Kb / 9P
TOSHIBA Photocoupler GaAs Ired Photo?뭈ransistor
TLP548J TOSHIBA-TLP548J_14 Datasheet
273Kb / 6P
TOSHIBA Photocoupler GaAs Ired and Photo-Thyristor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com